Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-85563 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-85563
Description  3-volt Low Noise Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-85563 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button MGA-85563 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED MGA-85563 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
MGA-85563 Typical Scattering Parameters ,
TC = 25°C, ZO = 50 Ω, Vd = 3 V, and using default of no external resistor at the Rbias pin
Freq.
S11
S21
S12
S22
K
GHz
dB
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
dB
Mag.
Ang.
Factor
0.2
-1.1
0.88
-10
4.0
1.6
115
-30.8
0.029
1
-4.5
0.60
-42
2.1
0.5
-1.7
0.82
-15
11.5
3.8
66
-33.6
0.021
-18
-9.8
0.32
-69
2.1
0.9
-2.1
0.79
-22
14.8
5.5
27
-35.9
0.016
-16
-15.3
0.17
-79
2.3
1.0
-2.2
0.78
-24
15.2
5.7
20
-36.5
0.015
-15
-16.2
0.16
-78
2.3
1.5
-2.2
0.77
-34
16.4
6.6
-11
-39.2
0.011
-8
-19.3
0.11
-81
2.7
1.8
-2.3
0.76
-39
16.5
6.7
-26
-41.1
0.009
5
-19.5
0.11
-88
3.5
1.9
-2.3
0.77
-41
16.6
6.7
-30
-41.3
0.009
16
-19.7
0.10
-97
3.6
2.0
-2.3
0.77
-43
16.6
6.8
-34
-41.0
0.009
26
-20.5
0.09
-110
3.4
2.1
-2.2
0.77
-45
16.8
6.9
-38
-40.3
0.010
31
-22.0
0.08
-123
3.1
2.2
-2.2
0.78
-48
16.9
7.0
-42
-39.2
0.011
34
-24.2
0.06
-136
2.8
2.3
-2.2
0.78
-50
17.1
7.0
-47
-39.2
0.011
37
-25.8
0.05
-149
2.6
2.4
-2.2
0.77
-53
17.2
7.2
-51
-39.2
0.011
39
-27.1
0.04
-164
2.5
2.5
-2.3
0.77
-55
17.3
7.3
-55
-38.4
0.012
42
-28.2
0.04
176
2.4
3.0
-2.6
0.75
-68
17.6
7.6
-78
-35.9
0.016
57
-22.4
0.08
113
1.8
3.5
-3.4
0.68
-84
17.8
7.7
-102
-31.7
0.026
61
-15.0
0.18
92
1.3
4.0
-5.4
0.54
-90
16.3
6.5
-126
-28.9
0.036
38
-10.2
0.31
51
1.4
4.5
-5.3
0.55
-96
15.7
6.1
-139
-30.2
0.031
27
-11.1
0.28
26
1.7
5.0
-5.9
0.51
-110
15.4
5.9
-156
-29.9
0.032
29
-11.1
0.28
15
1.8
5.5
-6.8
0.46
-123
15.0
5.6
-173
-29.6
0.033
26
-11.1
0.28
4
1.9
6.0
-8.2
0.39
-136
14.4
5.3
169
-28.9
0.036
25
-10.8
0.29
-7
2.0
6.5
-9.4
0.34
-150
13.8
4.9
152
-28.0
0.040
23
-10.5
0.30
-17
2.1
7.0
-10.8
0.29
-164
13.0
4.5
136
-27.1
0.044
19
-10.1
0.31
-26
2.1
7.5
-12.3
0.24
-174
12.1
4.0
120
-26.2
0.049
14
-9.8
0.33
-35
2.2
8.0
-13.5
0.21
172
11.3
3.7
106
-25.7
0.052
8
-9.4
0.34
-45
2.2
MGA-85563 Typical Noise Parameters ,
TC = 25°C, ZO = 50 Ω, Vd = 3 V, and using default of no external resistor at the Rbias pin
Frequency
Fmin
RN
(GHz)
(dB)
Mag.
Ang.
(Ω)
0.2
1.63
0.70
28
0.86
0.5
1.61
0.67
29
0.81
0.9
1.60
0.63
29
0.73
1.0
1.59
0.62
29
0.72
1.5
1.57
0.57
30
0.63
1.8
1.56
0.56
32
0.59
1.9
1.56
0.56
33
0.59
2.0
1.56
0.56
34
0.58
2.1
1.56
0.56
35
0.57
2.2
1.56
0.55
37
0.55
2.3
1.56
0.54
39
0.53
2.4
1.56
0.54
41
0.52
2.5
1.56
0.53
42
0.51
3.0
1.57
0.50
49
0.47
3.5
1.56
0.49
54
0.43
4.0
1.57
0.49
61
0.41
4.5
1.58
0.46
69
0.37
5.0
1.59
0.43
78
0.32
5.5
1.59
0.40
86
0.29
6.0
1.63
0.35
94
0.25
6.5
1.65
0.25
104
0.23
7.0
1.66
0.15
114
0.20
7.5
1.68
0.06
125
0.18
8.0
1.70
0.04
-48
0.15
*opt


Similar Part No. - MGA-85563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-85563 HP-MGA-85563 Datasheet
117Kb / 15P
   3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications
logo
Broadcom Corporation.
MGA-85563 BOARDCOM-MGA-85563 Datasheet
206Kb / 13P
   3-volt, Low Noise Amplifier for 0.8??6 GHz Applications
logo
Agilent(Hewlett-Packard...
MGA-85563-BLK HP-MGA-85563-BLK Datasheet
117Kb / 15P
   3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications
MGA-85563-TR1 HP-MGA-85563-TR1 Datasheet
117Kb / 15P
   3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications
More results

Similar Description - MGA-85563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-85563 HP-MGA-85563 Datasheet
117Kb / 15P
   3-volt, Low Noise Amplifier for 0.8- 6 GHz Applications
logo
Broadcom Corporation.
MGA-85563 BOARDCOM-MGA-85563 Datasheet
206Kb / 13P
   3-volt, Low Noise Amplifier for 0.8??6 GHz Applications
DEMO-MGA-85A BOARDCOM-DEMO-MGA-85A Datasheet
206Kb / 13P
   3-volt, Low Noise Amplifier for 0.8??6 GHz Applications
logo
M-pulse Microwave Inc.
MP4T6310 MPLUSE-MP4T6310 Datasheet
184Kb / 8P
   3 Volt, Low Noise High fT Silicon Transistor
logo
Broadcom Corporation.
AMMC-6241 BOARDCOM-AMMC-6241 Datasheet
529Kb / 8P
   26??3 GHz Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6241 AVAGO-AMMC-6241_08 Datasheet
529Kb / 8P
   26??3 GHz Low Noise Amplifier
logo
M-pulse Microwave Inc.
MP4T6325 MPLUSE-MP4T6325 Datasheet
199Kb / 8P
   3 Volt, General Purpose Low Noise High fT Silicon Transistor
logo
American Accurate Compo...
JXWBLA-5845-6430-20 AAC-JXWBLA-5845-6430-20 Datasheet
99Kb / 1P
   Low Noise Amplifier
JXWBLA-T-0.1-100-15 AAC-JXWBLA-T-0.1-100-15 Datasheet
62Kb / 1P
   Low Noise Amplifier
JXWBLA-T-10.7-12.7-20 AAC-JXWBLA-T-10.7-12.7-20 Datasheet
56Kb / 1P
   Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com