Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MGA-86563 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # MGA-86563
Description  0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

MGA-86563 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  MGA-86563 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED MGA-86563 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED MGA-86563 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED MGA-86563 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED MGA-86563 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED MGA-86563 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED MGA-86563 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED MGA-86563 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
MGA-86563 Applications Information
Introduction
The MGA-86563 is a high gain, low noise RF amplifier for
use in wireless RF applications within the 0.5 to 6  GHz
frequency range. The MGA-86563 is a three-stage, GaAs
Microwave Monolithic Integrated Circuit (MMIC) amplifier
that uses internal feedback to provide wideband gain and
impedance matching.
A patented, active bias circuit makes use of current sources
to“re-use”the drain current in all three stages of gain, thus
minimizing the required supply current and decreasing
sensitivity to variations in power supply voltage.
Test Circuit
The circuit shown in Figure 10 is used for 100% RF testing
of Noise Figure and Gain. The input of this circuit is fixed
tuned for a conjugate power match (maximum power
transfer, or, minimum Input VSWR) at 2 GHz. Tests in this
circuit are used to guarantee the NF
test
and G
test
parameters
shown in the Electrical Specifications Table.
The 3.3 nH inductor, L1 (Coilcraft, Cary, IL or equivalent)
in series with the input of the amplifier matches the input
to 50Ω at 2 GHz.
The parameter test circuit uses a high impedance RF choke
to apply V
d
to the MMIC while isolating the power supply
from the RF Output of the amplifier.
Biasing
The MGA-86563 is a voltage-biased device and operates
from a single +5 volt power supply. With a typical current
drain of only 14 mA, the MGA-86563 is suitable for use
in battery powered applications. RF performance is very
stable over a wide variation of power supply voltage.
Since DC bias is applied to the MGA-86563 through the RF
Output pin, some method of isolating the RF from the DC
must be provided. An RF choke or length of high imped-
ance transmission line is typically used for this purpose.
SOT-363 PCB Layout
A PCB pad layout for the miniature SOT-363 (SC-70)
package used by the MGA-86563 is shown in Figure 12
(dimensions are in inches). This layout provides ample al-
lowance for package placement by automated assembly
equipment without adding parasitics that could impair
the high frequency RF performance of the MGA-86563.
The layout is shown with a nominal SOT-363 package
footprint superimposed on the PCB pads.
Figure 12. Recommended PCB Pad Layout for Avago’s SC70 6L/SOT-363
Products.




'LPHQVLRQVLQ,QFKHV
Vd
C1
L1
3.3 nH
w = 110
(50
Ω)
RF
INPUT
RF
OUTPUT
w = 110
(50
Ω)
w = 110
I = 110
RFC
(28 nH)
BOARD MATERIAL = 1/16" FR-4
w = 15
I = 1000
REFERENCE
PLANES
TEST CIRCUIT
Figure 10. Test Circuit for 2 GHz.
Phase Reference Planes
The positions of the reference planes used to measure S-
Parameters and to specify
*
opt
for the Noise Parameters are
shown in Figure 11. As seen in the illustration, the reference
planes are located at the extremities of the package leads.
Figure 11. Reference Planes.


Similar Part No. - MGA-86563

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MGA-86563 HP-MGA-86563 Datasheet
92Kb / 8P
   0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MGA-86563-BLK HP-MGA-86563-BLK Datasheet
92Kb / 8P
   0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
MGA-86563-TR1 HP-MGA-86563-TR1 Datasheet
92Kb / 8P
   0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
More results

Similar Description - MGA-86563

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
MGA-86563 BOARDCOM-MGA-86563 Datasheet
177Kb / 8P
   0.5 ??6 GHz Low Noise GaAs MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MGA-86563 HP-MGA-86563 Datasheet
92Kb / 8P
   0.5 - 6 GHz Low Noise GaAs MMIC Amplifier
logo
Hittite Microwave Corpo...
HMC320MS8G HITTITE-HMC320MS8G_09 Datasheet
208Kb / 6P
   GaAs MMIC LOW NOISE AMPLIFIER , 5 - 6 GHz
HMC565 HITTITE-HMC565 Datasheet
313Kb / 6P
   GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 6 - 20 GHz
HMC963LC4 HITTITE-HMC963LC4 Datasheet
1Mb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 26.5 GHz
HMC903LP3E HITTITE-HMC903LP3E Datasheet
1Mb / 8P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 17 GHz
HMC903 HITTITE-HMC903 Datasheet
991Kb / 6P
   GaAs pHEMT MMIC LOW NOISE AMPLIFIER, 6 - 18 GHz
logo
AVAGO TECHNOLOGIES LIMI...
MGA-665P8 AVAGO-MGA-665P8 Datasheet
214Kb / 13P
   0.5 ??6 GHz Low Noise Amplifier
logo
Broadcom Corporation.
MGA-665P8 BOARDCOM-MGA-665P8 Datasheet
214Kb / 13P
   GaAs Enhancement-Mode PHEMT 0.5 ??6 GHz Low Noise Amplifier
logo
Analog Devices
ADL8107 AD-ADL8107 Datasheet
2Mb / 24P
   GaAs, pHEMT, MMIC, Low Noise Amplifier, 6 GHz to 18 GHz
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com