Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMMK-2203 Datasheet(PDF) 10 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-2203
Description  0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-2203 Datasheet(HTML) 10 Page - AVAGO TECHNOLOGIES LIMITED

Back Button VMMK-2203 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED VMMK-2203 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-2203 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-2203 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-2203 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-2203 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED VMMK-2203 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED VMMK-2203 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED VMMK-2203 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Ordering Information
Part Number
Devices Per
Container
Container
VMMK-2203-BLKG
100
Antistatic Bag
VMMK-2203-TR1G
5000
7” Reel
Package Dimension Outline
Reel Orientation
Device Orientation
TOP VIEW
END VIEW
8 mm
4 mm
Note:
“D” = Device Code
”Y” = Month Code
USER FEED DIRECTION
Note:
All dimensions are in mm
A
E
D
Die dimension:
Dim
Range
Unit
D
1.004 - 1.085
mm
E
0.500 - 0.585
mm
A
0.225 - 0.275
mm
USER
FEED
DIRECTION
CARRIER
TAPE
REEL


Similar Part No. - VMMK-2203

ManufacturerPart #DatasheetDescription
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
Broadcom Corporation.
VMMK-2203 BOARDCOM-VMMK-2203 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
More results

Similar Description - VMMK-2203

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
DEMO-VMMK-2X03 BOARDCOM-DEMO-VMMK-2X03 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
VMMK-2203 BOARDCOM-VMMK-2203 Datasheet
831Kb / 11P
   0.9-11 GHz E-pHEMT Wideband Amplifier in Wafer Level Package
VMMK-2103 BOARDCOM-VMMK-2103 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103_15 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2503 BOARDCOM-VMMK-2503 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2503 AVAGO-VMMK-2503 Datasheet
235Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
VMMK-2503 AVAGO-VMMK-2503_15 Datasheet
840Kb / 11P
   1 to 12 GHz GaAs Wideband Amplifier in Wafer Level Package
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
AVG Semiconductors(HITE...
VMMK-2203 AVG-VMMK-2203 Datasheet
221Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (1 - 10GHz)
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103-TR1G AVAGO-VMMK-2103-TR1G Datasheet
686Kb / 13P
   VMMK-2103 0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com