Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VMMK-2303 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # VMMK-2303
Description  0.5 to 6 GHz 1.8 V E-pHEMT Shutdown LNA in Wafer Level Package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

VMMK-2303 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button VMMK-2303 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED VMMK-2303 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
VMMK-2303 Typical Performance (continue)
(TA = 25°C, Vdd = 1.8V, Vc = 1.8V, Idd = 21mA, Zin = Zout = 50 Ω unless noted)
Figure 13. Output P-1dB over Vdd [1]
Figure 15. Gain over Temp [3]
Figure 17. P1dB Over Temp [3]
Figure 14. Output IP3 Over Vdd [1,2]
Figure 16. Noise Figure over Temp [3]
Figure 18. Output IP3 Over Temp [2,3]
Notes:
1. Data taken on a G-S-G probe substrate fully de-embedded to the reference plane of the package
2. Output IP3 data taken at Pin=-15dBm
3. Over temp data taken on a test fixture (Figure 20) without de-embedding
0
2
4
6
8
10
12
14
0
1
2
3
4
5
6
7
Frequency (GHz)
0
5
10
15
20
0
1
2
3
4
5
6
7
Frequency (GHz)
25C
85C
-40C
0
3
6
9
12
15
0
1
2
3
4
5
6
7
Frequency (GHz)
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
Frequency (GHz)
0
5
10
15
20
25
30
0
1
2
3
4
5
6
7
Frequency (GHz)
Vd=1.8V, Vc=1.8V
Vd=3.3V, Vc=1.8V
Vd=1.8V, Vc=1.8V
Vd=3.3V, Vc=1.8V
25C
85C
-40C
25C
85C
-40C
0
0.5
1
1.5
2
2.5
3
0
1
2
3
4
5
6
7
Frequency (GHz)
25C
85C
-40C


Similar Part No. - VMMK-2303

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
VMMK-2303 BOARDCOM-VMMK-2303 Datasheet
797Kb / 11P
   0.5 to 6 GHz 1.8 V E-pHEMT Shutdown LNA in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2303-TR1G AVAGO-VMMK-2303-TR1G Datasheet
746Kb / 11P
   0.5 to 6 GHz 1.8 V E-pHEMT Shutdown LNA in Wafer Level Package
More results

Similar Description - VMMK-2303

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2303-TR1G AVAGO-VMMK-2303-TR1G Datasheet
746Kb / 11P
   0.5 to 6 GHz 1.8 V E-pHEMT Shutdown LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-2303 BOARDCOM-VMMK-2303 Datasheet
797Kb / 11P
   0.5 to 6 GHz 1.8 V E-pHEMT Shutdown LNA in Wafer Level Package
VMMK-2103 BOARDCOM-VMMK-2103 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103_15 Datasheet
853Kb / 12P
   0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
VMMK-2103-TR1G AVAGO-VMMK-2103-TR1G Datasheet
686Kb / 13P
   VMMK-2103 0.5 to 6 GHz Bypass E-pHEMT LNA in Wafer Level Package
logo
Broadcom Corporation.
VMMK-1218 BOARDCOM-VMMK-1218 Datasheet
234Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
DEMO-VMMK-1225-12 BOARDCOM-DEMO-VMMK-1225-12 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-1218 AVAGO-VMMK-1218 Datasheet
837Kb / 12P
   0.5 to 18 GHz Low Noise E-PHEMT in a Wafer Scale Package
VMMK-1225 AVAGO-VMMK-1225_15 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
logo
Broadcom Corporation.
VMMK-1225 BOARDCOM-VMMK-1225 Datasheet
864Kb / 13P
   0.5 to 26 GHz Low Noise E-PHEMT in a Wafer Scale Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com