Electronic Components Datasheet Search |
|
MAX1243BEPA Datasheet(PDF) 6 Page - Maxim Integrated Products |
|
MAX1243BEPA Datasheet(HTML) 6 Page - Maxim Integrated Products |
6 / 12 page +2.7V to +5.25V, Low-Power, 10-Bit Serial ADCs in SO-8 6 _______________________________________________________________________________________ _______________Detailed Description Converter Operation The MAX1242/MAX1243 use an input track/hold (T/H) and successive-approximation register (SAR) circuitry to convert an analog input signal to a digital 10-bit out- put. Figure 3 shows the MAX1242/MAX1243 in their simplest configuration. The MAX1242/MAX1243 convert input signals in the 0V to VREF range in 9µs, including T/H acquisition time. The MAX1242’s internal reference is trimmed to 2.5V, while the MAX1243 requires an external reference. Both devices accept external refer- ence voltages from 1.0V to VDD. The serial interface requires only three digital lines (SCLK, CS, and DOUT) and provides an easy interface to microprocessors ( µPs). The MAX1242/MAX1243 have two modes: normal and shutdown. Pulling SHDN low shuts the device down and reduces supply current below 10µA (VDD ≤ 3.6V), while pulling SHDN high or leaving it open puts the devices into operational mode. A conversion is initiated by pulling CS low. The conversion result is available at DOUT in unipolar serial format. The serial-data stream consists of a high bit, signaling the end of conversion (EOC), followed by the data bits (MSB first). Analog Input Figure 4 illustrates the sampling architecture of the ana- log-to-digital converter’s (ADC’s) comparator. The full- scale input voltage is set by the voltage at REF. Track/Hold In track mode, the analog signal is acquired and stored in the internal hold capacitor. In hold mode, the T/H switch opens and maintains a constant input to the ADC’s SAR section. During acquisition, the analog input AIN charges capacitor CHOLD. Bringing CS low ends the acquisition interval. At this instant, the T/H switches the input side of CHOLD to GND. The retained charge on CHOLD repre- sents a sample of the input, unbalancing node ZERO at the comparator’s input. In hold mode, the capacitive digital-to-analog converter (DAC) adjusts during the remainder of the conversion cycle to restore node ZERO to 0V within the limits of 10- bit resolution. This action is equivalent to transferring a charge from CHOLD to the binary-weighted capacitive DAC, which in turn forms a digital representation of the analog input signal. At the conversion’s end, the input side of CHOLD switches back to AIN, and CHOLD charges to the input signal again. The time required for the T/H to acquire an input signal is a function of how quickly its input capacitance is charged. If the input signal’s source impedance is high, the acquisition time lengthens, and more time must be allowed between conversions. The acquisition time, tACQ, is the maximum time the device takes to acquire the signal and the minimum time needed for the signal to be acquired. Acquisition time is calculated by: tACQ = 7(RS + RIN) x 16pF ______________________________________________________________Pin Description 6 DOUT Serial-Data Output. Data changes state at SCLK’s falling edge. High impedance when CS is high. 8 SCLK 3 SHDN Three-Level Shutdown Input. Pulling SHDN low shuts the MAX1242/MAX1243 down to 15µA (max) supply current. Both MAX1242 and MAX1243 are fully operational with either SHDN high or floating. For the MAX1242, pulling SHDN high enables the internal reference, and letting SHDN float disables the internal reference and allows for the use of an external reference. 4 REF Reference Voltage for Analog-to-Digital Conversion. Internal 2.5V reference output for MAX1242; bypass with a 4.7µF capacitor. External reference voltage input for MAX1243, or for MAX1242 with the internal reference disabled. Bypass REF with a minimum of 0.1µF when using an external reference. 7 CS Active-Low Chip Select. Initiates conversions on the falling edge. When CS is high, DOUT is high impedance. 5 GND Analog and Digital Ground 2 AIN Sampling Analog Input, 0V to VREF range NAME FUNCTION 1 VDD Positive Supply Voltage: +2.7V to +5.25V PIN Serial-Clock Input. SCLK clocks data out at rates up to 2.1MHz. |
Similar Part No. - MAX1243BEPA |
|
Similar Description - MAX1243BEPA |