Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1287 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1287
Description  150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1287 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1287 Datasheet HTML 6Page - Maxim Integrated Products MAX1287 Datasheet HTML 7Page - Maxim Integrated Products MAX1287 Datasheet HTML 8Page - Maxim Integrated Products MAX1287 Datasheet HTML 9Page - Maxim Integrated Products MAX1287 Datasheet HTML 10Page - Maxim Integrated Products MAX1287 Datasheet HTML 11Page - Maxim Integrated Products MAX1287 Datasheet HTML 12Page - Maxim Integrated Products MAX1287 Datasheet HTML 13Page - Maxim Integrated Products MAX1287 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
150ksps, 12-Bit, 2-Channel Single-Ended, and
1-Channel True-Differential ADCs in SOT23
10
______________________________________________________________________________________
Output Data Format
Figures 5a and 5b illustrate the conversion timing for the
MAX1286–MAX1289. The 12-bit conversion result is out-
put in MSB-first format. Data on DOUT transitions
on the falling edge of SCLK. All 12 bits must be clocked
out before CNVST transitions again. For the MAX1288/
MAX1289, data is straight binary for unipolar mode and
two’s complement for bipolar mode. For the MAX1286/
MAX1287, data is always straight binary.
Transfer Function
Figure 6 shows the unipolar transfer function for the
MAX1286–MAX1289. Figure 7 shows the bipolar transfer
function for the MAX1288/MAX1289. Code transitions
occur halfway between successive-integer LSB values.
Applications Information
Automatic Shutdown Mode
With CNVST low, the MAX1286–MAX1289 default to an
AutoShutdown state (<0.2µA) after power-up and
between conversions. After detecting a rising edge on
CNVST, the part powers up, sets DOUT low, and enters
track mode. After detecting a falling edge on CNVST, the
device enters hold mode and begins the conversion. A
maximum of 3.7µs later, the device completes conver-
sion, enters shutdown, and MSB is available at DOUT.
External Reference
An external reference is required for the MAX1286–
MAX1289. Use a 0.1µF bypass capacitor for best per-
formance. The reference input structure allows a volt-
age range of +1V to VDD + 50mV.
Connection to Standard Interfaces
The MAX1286–MAX1289 feature a serial interface that is
fully compatible with SPI, QSPI, and MICROWIRE. If a
serial interface is available, establish the CPU’s serial
interface as a master, so that the CPU generates the seri-
al clock for the ADCs. Select a clock frequency up to
8MHz.
How to Perform a Conversion
1)
Use a general-purpose I/O line on the CPU to hold
CNVST low between conversions.
2)
Drive CNVST high to acquire AIN1(MAX1286/
MAX1287) or unipolar mode (MAX1288/MAX1289).
To acquire AIN2 (MAX1286/MAX1287) or bipolar
mode (MAX1288/MAX1289), drive CNVST low and
high again.
3)
Hold CNVST high for 1.4µs.
4)
Drive CNVST low and wait approximately 3.7µs for
conversion to complete. After 3.7µs, the MSB is
available at DOUT.
5)
Activate SCLK for a minimum of 12 rising clock
OUTPUT CODE
FULL-SCALE
TRANSITION
11 . . . 111
11 . . . 110
11 . . . 101
00 . . . 011
00 . . . 010
00 . . . 001
00 . . . 000
12
3
0
FS
FS - 3/2LSB
FS = VREF
ZS = GND
INPUT VOLTAGE (LSB)
MAX1286–
MAX1289
1LSB =
VREF
4096
Figure 6. Unipolar Transfer Function
011 . . . 111
011 . . . 110
000 . . . 010
000 . . . 001
000 . . . 000
111 . . . 111
111 . . . 110
111 . . . 101
100 . . . 001
100 . . . 000
- FS
0
INPUT VOLTAGE (LSB)
OUTPUT CODE
ZS = 0
+FS - 1LSB
*VCOM
VREF / 2 *VIN = (AIN+) - (AIN-)
FS =
VREF
2
-FS =
-VREF
2
MAX1288/MAX1289
1LSB =
VREF
4096
Figure 7. Bipolar Transfer Function


Similar Part No. - MAX1287

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1287EKA MAXIM-MAX1287EKA Datasheet
94Kb / 8P
   PLASTIC ENCAPSULATED DEVICES
Rev. A February 1, 2004
MAX1287EKA-T MAXIM-MAX1287EKA-T Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1287ETA+T MAXIM-MAX1287ETA+T Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
More results

Similar Description - MAX1287

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1086 MAXIM-MAX1086_07 Datasheet
458Kb / 17P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
Rev 1; 8/07
MAX1086 MAXIM-MAX1086 Datasheet
334Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23
19-1686; Rev 0; 5/00
MAX1289ETA MAXIM-MAX1289ETA Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
Rev 3; 8/10
MAX1286 MAXIM-MAX1286_V01 Datasheet
231Kb / 15P
   150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs
2010
MAX1086 MAXIM-MAX1086_V01 Datasheet
267Kb / 15P
   150ksps, 10-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs in SOT23 and TDFN
2010
logo
ams AG
AS1524 AMSCO-AS1524_1 Datasheet
708Kb / 22P
   150ksps, 12-Bit, 1-Channel Pseudo/True-Differential and 2-Channel Single-Ended ADCs
logo
Linear Technology
LTC1860L LINER-LTC1860L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1860L LINER-LTC1860L Datasheet
234Kb / 12P
   mPower, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
LTC1861L LINER-LTC1861L_15 Datasheet
239Kb / 12P
   Power, 3V, 12-Bit, 150ksps 1- and 2-Channel ADCs in MSOP
logo
Maxim Integrated Produc...
MAX1393 MAXIM-MAX1393_09 Datasheet
598Kb / 18P
   1.5V to 3.6V, 312.5ksps, 1-Channel True-Differential/2-Channel Single-Ended, 12-Bit, SAR ADCs
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com