Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1295AEEI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1295AEEI
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1295AEEI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1295AEEI Datasheet HTML 4Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 5Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 6Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 7Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 8Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 9Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 10Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 11Page - Maxim Integrated Products MAX1295AEEI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
MAX1297
REF
21
25
MAX1295
NAME
Bandgap Reference Buffer Output/External Reference Input. Add a 4.7µF capacitor
to GND when using the internal reference.
FUNCTION
26
22
VDD
Analog +2.7V to +3.6V Power Supply. Bypass with a 0.1µF capacitor to GND.
27
23
D11
Three-State Digital Output (D11)
28
24
D10
Three-State Digital Output (D10)
_______________Detailed Description
Converter Operation
The MAX1295/MAX1297 ADCs use a successive-
approximation (SAR) conversion technique and an input
track/hold (T/H) stage to convert an analog input signal
to a 12-bit digital output. This output format provides an
easy interface to standard microprocessors (µPs). Figure
2 shows the simplified internal architecture of the
MAX1295/MAX1297.
Single-Ended and
Pseudo-Differential Operation
The sampling architecture of the ADC’s analog com-
parator is illustrated in the equivalent input circuit in
Figure 3. In single-ended mode, IN+ is internally
switched to channels CH0–CH5 for the MAX1295
(Figure 3a) and to CH0–CH1 for the MAX1297 (Figure
3b), while IN- is switched to COM (Table 2). In differen-
tial mode, IN+ and IN- are selected from analog input
pairs (Table 3) and are internally switched to either of
T/H
THREE-STATE, BIDIRECTIONAL
I/O INTERFACE
12
17k
12
SUCCESSIVE-
APPROXIMATION
REGISTER
CHARGE REDISTRIBUTION
12-BIT DAC
CLOCK
ANALOG
INPUT
MULTIPLEXER
CONTROL LOGIC
&
LATCHES
REF
REFADJ
1.22V
REFERENCE
D0–D11
12-BIT DATA BUS
(CH5)
(CH4)
(CH3)
(CH2)
CH1
CH0
COM
CLK
CS
WR
RD
INT
( ) ARE FOR MAX1295 ONLY.
VDD
GND
MAX1295
MAX1297
AV =
2.05
COMP
Figure 2. Simplified Functional Diagram of 6-/2-Channel MAX1295/MAX1297


Similar Part No. - MAX1295AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX12900 MAXIM-MAX12900 Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
More results

Similar Description - MAX1295AEEI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com