Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EKI-1524 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # EKI-1524
Description  4-port RS-232/422/485 Serial Device Server
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

EKI-1524 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  EKI-1524_15 Datasheet HTML 1Page - Advantech Co., Ltd. EKI-1524_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Gateway Solutions
Features
ƒ Provides 2 x 10/100 Mbps Ethernet ports for LAN redundancy
ƒ Provides COM port redirection (Virtual COM), TCP and UDP operation modes
ƒ Supports up to 921.6 kbps, and any baud rate setting
ƒ Allows a max. of 5 hosts to access one serial port
ƒ Allows a max. of 16 hosts to be accessed as TCP client mode
ƒ Built-in 15 KV ESD protection for all serial signals
ƒ Provides multiple configuration methods including Windows utility, Telnet
console, and Web Browser
ƒ Supports 32-bit/64-bit Windows 2000/XP/Vista/7/8/8.1, Windows Server
2003/2008/2012, Windows CE 5.0, and Linux
ƒ Automatic RS-485 data flow control
ƒ Supports surge protection for D.C. power ports with line to line 2 KV, and line
to earth 4 KV; for signal ports with 4 KV.
ƒ 'I' models support a wide operating temperature
ƒ 'CI' models support isolation and wide operating temperature
Specifications
Ethernet Communications
ƒ
Compatibility
IEEE 802.3, IEEE 802.3u
ƒ
Speed
10/100 Mbps
ƒ
No. of Ports
2
ƒ
Port Connector
8-pin RJ45
ƒ
Protection
Built-in 1.5 KV magnetic isolation
Serial Communications
ƒ
Port Type
RS-232/422/485, software selectable
ƒ
No. of Ports
EKI-1521: 1/EKI-1522: 2/EKI-1524: 4
ƒ
Port Connector
DB9 male
ƒ
Data Bits
5, 6, 7, 8
ƒ
Stop Bits
1, 1.5, 2
ƒ
Parity
None, Odd, Even, Space, Mark
ƒ
Flow Control
XON/XOFF, RTS/CTS, DTR/DSR
ƒ
Baud Rate
50 bps ~ 921.6 kbps, any baud rate setting
ƒ
Serial Signals
RS-232: TxD, RxD, CTS, RTS, DTR, DSR, DCD, RI, GND
RS-422: TxD+, TxD-, RxD+, RxD-, GND
RS-485: Data+, Data-, GND
ƒ
Protection
Built-in 15 KV ESD for all signals
'CI' models: 2KV Isolation for RS-422/485 signals
Software
ƒ
OS Support
32-bit/64-bit Windows XP/Vista/7/8/8.1, Windows
Server 2003/2008/2008 R2/2012/2012 R2, Windows
CE 5.0, and Linux
ƒ
Utility Software
Advantech EKI Device Configuration Utility
ƒ
Operation Modes
COM port redirection mode (Virtual COM)
TCP/UDP server (polling) mode
TCP/UDP client (event handling) mode
Pair connection (peer to peer) mode
ƒ
Configuration
Windows utility, Telnet console, Web Browser
ƒ
Management
SNMP MIB-II
Mechanics
ƒ
Dimensions (W x H x D) 36.6 x 140 x 95 mm (1.44" x 5.51" x 3.74")
EKI-1524: 48.6 x 140 x 95 mm (1.91" x 5.51" x 3.74")
ƒ
Enclosure
Metal with solid mounting hardware
ƒ
Mounting
DIN-rail, Wall
ƒ
Weight
EKI-1521: 612g/EKI-1522: 620g/EKI-1524: 690g
General
ƒ
LED Indicators
System: Power, System Status/LAN: Speed, Link/Active
Serial: Tx, Rx
Power Requirements
ƒ
Input
12 ~ 48 VDC, redundant dual inputs
ƒ
Connector
Terminal block
ƒ
Consumption
EKI-1521: 5.2 W
EKI-1522: 5.2 W
EKI-1524: 6.3 W
Environment
ƒ
Operating Temperature EKI-1521/EKI-1522/EKI-1524: -10 ~ 60°C (14 ~ 140°F)
'CI & I' models: -40 ~ 70°C (-40 ~ 158°F)
ƒ
Storage Temperature
-40 ~ 85°C (-40 ~ 185°F)
ƒ
Operating Humidity
5 ~ 95% RH
Regulatory Approvals
ƒ
EMC
CE, FCC Part 15 Subpart B (Class A)
Introduction
EKI-1521, EKI-1522 and EKI-1524 feature two independent Ethernet ports and MAC addresses to provide a redundant network mechanism to guarantee Ethernet network reliability.
EKI-1521, EKI-1522 and EKI-1524 are serial device servers that connect RS-232/422/485 serial devices, such as PLC, meters, sensors, and barcode reader to an IP-based Ethernet
LAN. They allow nearly any device with serial ports to connect and share an Ethernet network. EKI-1521, EKI-1522 and EKI-1524 provide various operations: COM port redirection
(Virtual COMport), TCP Server, TCP Client and UDP mode. With COM port redirection mode, standard serial operation calls are transparently redirected to the EKI-1521, EKI-1522
and EKI-1524, guaranteeing compatibility with legacy serial devices and enabling backward compatibility with existing software. With TCP server, TCP client, and UDP modes, EKI-
1521, EKI-1522 and EKI-1524 ensure the compatibility of network software that uses a standard network API. Moreover, you can make serial devices communicate with other devices
peer-to-peer, without any intermediate host PCs and software programming.
EKI-1521
EKI-1522
EKI-1524
RoHS
COMPLIANT
2011/65/EU
EKI-1521/CI/I
EKI-1522/CI/I
EKI-1524/CI/I
1-port RS-232/422/485 Serial Device Server
2-port RS-232/422/485 Serial Device Server
4-port RS-232/422/485 Serial Device Server
All product specifications are subject to change without notice
Last updated : 5-May-2015


Similar Part No. - EKI-1524_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-1524-BE ADVANTECH-EKI-1524-BE Datasheet
759Kb / 2P
   IoT Gateway Starter Kit
More results

Similar Description - EKI-1524_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-1524 ADVANTECH-EKI-1524 Datasheet
546Kb / 1P
   4-port RS-232/422/485 Serial Device Server
ADAM-4570 ADVANTECH-ADAM-4570 Datasheet
587Kb / 1P
   1-port RS-232/422/485 Serial Device Server
EKI-1526 ADVANTECH-EKI-1526 Datasheet
656Kb / 2P
   8-port RS-232/422/485 Serial Device Server
EKI-1521 ADVANTECH-EKI-1521 Datasheet
562Kb / 1P
   1-port RS-232/422/485 Serial Device Server
logo
Moxa Inc.
5400 MOXA-5400 Datasheet
2Mb / 5P
   4-port RS-232/422/485 serial device servers
logo
Coolgear Inc.
MSD-SRP4XM-PRO COOLGEAR-MSD-SRP4XM-PRO Datasheet
306Kb / 2P
   4-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/9/2021
logo
Advantech Co., Ltd.
ADAM-4571W ADVANTECH-ADAM-4571W Datasheet
102Kb / 1P
   1-port RS-232/422/485 to 802.11b WLAN Serial Device Server
ADAM-4570W ADVANTECH-ADAM-4570W Datasheet
102Kb / 1P
   1-port RS-232/422/485 to 802.11b WLAN Serial Device Server
logo
Coolgear Inc.
MSD-SRP1XM-PRO COOLGEAR-MSD-SRP1XM-PRO Datasheet
275Kb / 3P
   1-Port RS-232 / RS-422 / RS-485 Serial to Ethernet Device Server, PoE Powered
7/8/21
logo
Moxa Inc.
5200A MOXA-5200A Datasheet
3Mb / 7P
   2-port RS-232/422/485 serial device servers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com