Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1297AEEG Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1297AEEG
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1297AEEG Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1297AEEG Datasheet HTML 5Page - Maxim Integrated Products MAX1297AEEG Datasheet HTML 6Page - Maxim Integrated Products MAX1297AEEG Datasheet HTML 7Page - Maxim Integrated Products MAX1297AEEG Datasheet HTML 8Page - Maxim Integrated Products MAX1297AEEG Datasheet HTML 9Page - Maxim Integrated Products MAX1297AEEG Datasheet HTML 10Page - Maxim Integrated Products MAX1297AEEG Datasheet HTML 11Page - Maxim Integrated Products MAX1297AEEG Datasheet HTML 12Page - Maxim Integrated Products MAX1297AEEG Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
_______________________________________________________________________________________
9
BIT
PD1, PD0
0
D7, D6
PD1 and PD0 select the various clock and power-down modes.
Full Power-Down Mode. Clock mode is unaffected.
D5
ACQMOD
ACQMOD = 0: Internal Acquisition Mode
ACQMOD = 1: External Acquisition Mode
NAME
FUNCTIONAL DESCRIPTION
0
1
0
Standby Power-Down Mode. Clock mode is unaffected.
0
1
1
Normal Operation Mode. External clock mode selected.
1
Normal Operation Mode. Internal clock mode selected.
D4
SGL/DIF
SGL/DIF = 0: Pseudo-Differential Analog Input Mode
SGL/DIF = 1: Single-Ended Analog Input Mode
In single-ended mode, input signals are referred to COM. In differential mode, the voltage difference
between two channels is measured (Tables 2, 4).
D3
UNI/BIP
UNI/BIP = 0: Bipolar Mode
UNI/BIP = 1: Unipolar Mode
In unipolar mode, an analog input signal from 0V to VREF can be converted; in bipolar mode, the
signal can range from -VREF/2 to +VREF/2.
D2, D1, D0
A2, A1, A0
Address bits A2, A1, A0 select which of the 6/2 (MAX1295/MAX1297) channels is to be converted
(Tables 2, 3).
Table 1. Control-Byte Functional Description
the analog inputs. This configuration is pseudo-differ-
ential in that only the signal at IN+ is sampled. The
return side (IN-) must remain stable within ±0.5LSB
(±0.1LSB for best performance) with respect to GND
during a conversion. To accomplish this, connect a
0.1µF capacitor from IN- (the selected input) to GND.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. At the
end of the acquisition interval, the T/H switch opens,
retaining charge on CHOLD as a sample of the signal
at IN+.
The conversion interval begins with the input multiplex-
er switching CHOLD from the positive input (IN+) to the
negative input (IN-). This unbalances node ZERO at
the comparator’s positive input. The capacitive digital-
to-analog converter (DAC) adjusts during the remain-
Figure 3a. MAX1295 Simplified Input Structure
Figure 3b. MAX1297 Simplified Input Structure
CH0
CH1
CH2
CH3
CH4
CH5
COM
CSWITCH
TRACK
T/H
SWITCH
RIN
800
CHOLD
HOLD
12-BIT CAPACITIVE DAC
VREF
ZERO
COMPARATOR
+
12pF
SINGLE-ENDED MODE: IN+ = CH0–CH5, IN- = COM
DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1 AND CH2/CH3, AND CH4/CH5
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX
CH0
CH1
COM
CSWITCH
TRACK
T/H
SWITCH
RIN
800
CHOLD
HOLD
12-BIT CAPACITIVE DAC
VREF
ZERO
COMPARATOR
+
12pF
SINGLE-ENDED MODE: IN+ = CH0–CH1, IN- = COM
DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIR
CH0/CH1
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX


Similar Part No. - MAX1297AEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX12900 MAXIM-MAX12900 Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
More results

Similar Description - MAX1297AEEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com