Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX128AEAI Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX128AEAI
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX128AEAI Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX128AEAI Datasheet HTML 4Page - Maxim Integrated Products MAX128AEAI Datasheet HTML 5Page - Maxim Integrated Products MAX128AEAI Datasheet HTML 6Page - Maxim Integrated Products MAX128AEAI Datasheet HTML 7Page - Maxim Integrated Products MAX128AEAI Datasheet HTML 8Page - Maxim Integrated Products MAX128AEAI Datasheet HTML 9Page - Maxim Integrated Products MAX128AEAI Datasheet HTML 10Page - Maxim Integrated Products MAX128AEAI Datasheet HTML 11Page - Maxim Integrated Products MAX128AEAI Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
8
_______________________________________________________________________________________
Pin Description
PIN
NAME
FUNCTION
DIP
SSOP
1, 2
1, 2
VDD
+5V Supply. Bypass with a 0.1µF capacitor to AGND.
3, 9, 22, 24
4, 7, 8, 11, 22,
24, 25, 28
N.C.
No Connect. No internal connection.
4
3
DGND
Digital Ground
5
5
SCL
Serial Clock Input
6, 8, 10
6, 10, 12
A0, A2, A1
Address Select Inputs
7
9
SDA
Open-Drain Serial Data I/O. Input data is clocked in on the rising edge of SCL,
and output data is clocked out on the falling edge of SCL. External pull-up
resistor required.
11
13
SHDN
Shutdown Input. When low, device is in full power-down (FULLPD) mode.
Connect high for normal operation.
12
14
AGND
Analog Ground
13–20
15–21, 23
CH0–CH7
Analog Input Channels
21
26
REFADJ
Bandgap Voltage-Reference Output/External Adjust Pin. Bypass with a 0.01µF
capacitor to AGND. Connect to VDD when using an external reference at REF.
23
27
REF
Reference Buffer Output/ADC Reference Input. In internal reference mode, the
reference buffer provides a 4.096V nominal output, externally adjustable at
REFADJ. In external reference mode, disable the internal reference by pulling
REFADJ to VDD and applying the external reference to REF.


Similar Part No. - MAX128AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
151Kb / 9P
   MAX1280 Evaluation System
Rev 0; 5/00
MAX1280BCUP MAXIM-MAX1280BCUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BCUP++ MAXIM-MAX1280BCUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280BEUP MAXIM-MAX1280BEUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
More results

Similar Description - MAX128AEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com