Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX128BEAI Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX128BEAI
Description  Multirange, 5V, 12-Bit DAS with 2-Wire Serial Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX128BEAI Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX128BEAI Datasheet HTML 1Page - Maxim Integrated Products MAX128BEAI Datasheet HTML 2Page - Maxim Integrated Products MAX128BEAI Datasheet HTML 3Page - Maxim Integrated Products MAX128BEAI Datasheet HTML 4Page - Maxim Integrated Products MAX128BEAI Datasheet HTML 5Page - Maxim Integrated Products MAX128BEAI Datasheet HTML 6Page - Maxim Integrated Products MAX128BEAI Datasheet HTML 7Page - Maxim Integrated Products MAX128BEAI Datasheet HTML 8Page - Maxim Integrated Products MAX128BEAI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Multirange, +5V, 12-Bit DAS with
2-Wire Serial Interface
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V ±5%; unipolar/bipolar range; external reference mode, VREF = 4.096V; 4.7µF at REF pin; external clock, fCLK = 400kHz;
TA = TMIN to TMAX; unless otherwise noted. Typical values are at TA = +25°C.)
MAX128
MAX127
MAX127
-600
360
IIN
-1200
720
µA
±VREF/2 range
±VREF range
±5V range
-1200
10
±10V range
-600
10
Bipolar
Input Voltage Range
VIN
-10
10
TC VREF
-5
5
MAX127
-VREF
VREF
-VREF/2
VREF/2
MAX128
Bipolar,
Table 3
MAX127
MAX128
0 to 5V or 0 to VREF/2 range
0 to 10V or 0 to VREF range
±5V or ±VREF/2 range
±10V or ±VREF range
Buffer Voltage Gain
1.638
V/V
REFADJ Adjustment Range
±1.5
%
Figure 12
Capacitive Bypass at REF
4.7
µF
REFADJ Output Voltage
2.465
2.500
2.535
V
Load Regulation (Note 5)
10
mV
0 to 0.5mA output current
0
VREF
0
VREF/2
Unipolar,
Table 3
Input Resistance
∆VIN
∆IIN
21
k
16
-10
360
Unipolar
Input Current
-10
720
Bipolar
MAX128
0 to 5V range
-10
0.1
10
0 to 10V range
Unipolar
2.5
Small-Signal Bandwidth
5
MHz
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
2.5
-3dB
rolloff
1.25
0
10
V
0
5
Track/Hold Acquisition Time
3
µs
Input Capacitance
40
pF
REFOUT Voltage
VREF
4.076
4.096
4.116
V
REFOUT Tempco
±15
ppm/°C
Output Short-Circuit Current
30
mA
CONDITIONS
(Note 4)
TA = +25°C
MAX127_C/MAX128_C
±30
MAX127_E/MAX128_E
ANALOG INPUT
INTERNAL REFERENCE


Similar Part No. - MAX128BEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280 MAXIM-MAX1280 Datasheet
151Kb / 9P
   MAX1280 Evaluation System
Rev 0; 5/00
MAX1280BCUP MAXIM-MAX1280BCUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
MAX1280BCUP++ MAXIM-MAX1280BCUP+ Datasheet
450Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
2010
MAX1280BEUP MAXIM-MAX1280BEUP Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
More results

Similar Description - MAX128BEAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX196 MAXIM-MAX196 Datasheet
165Kb / 16P
   Multirange, Single %V, 12-Bit DAS with 12-Bit Bus Interface
Rev 0; 9/95
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX197 MAXIM-MAX197 Datasheet
165Kb / 16P
   Multi-Range (짹10V, 짹5V, 10V, 5V), Single 5V, 12-Bit DAS with 84 Bus Interface
19-0381; Rev 1; 6/96
MAX1202 MAXIM-MAX1202_V01 Datasheet
2Mb / 24P
   5V, 8-Channel, Serial, 12-Bit ADCs with 3V Digital Interface
2012
MAX1202 MAXIM-MAX1202 Datasheet
309Kb / 24P
   5v, 8-cHANNEL, sERIAL, 12-bIT adcS WITH 3v dIGITAL iNTERFACE
19-1173; Rev 2; 5/98
MAX199 MAXIM-MAX199 Datasheet
165Kb / 16P
   Multi-Range (짹4V, 짹2V, 4V, 2V), 5V Supply, 12-Bit DAS with 84 Bus Interface
19-0401; Rev 0; 6/95
MAX5115 MAXIM-MAX5115 Datasheet
459Kb / 19P
   Nonvolatile, Quad, 8-Bit DACs with 2-Wire Serial Interface
Rev 0; 2/05
logo
Fairchild Semiconductor
NM24C08U FAIRCHILD-NM24C08U Datasheet
100Kb / 13P
   8K-Bit Serial EEPROM 2-Wire Bus Interface
NM24C02U FAIRCHILD-NM24C02U Datasheet
99Kb / 13P
   2K-Bit Serial EEPROM 2-Wire Bus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com