Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1297BCEG Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1297BCEG
Description  265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1297BCEG Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1297BCEG Datasheet HTML 6Page - Maxim Integrated Products MAX1297BCEG Datasheet HTML 7Page - Maxim Integrated Products MAX1297BCEG Datasheet HTML 8Page - Maxim Integrated Products MAX1297BCEG Datasheet HTML 9Page - Maxim Integrated Products MAX1297BCEG Datasheet HTML 10Page - Maxim Integrated Products MAX1297BCEG Datasheet HTML 11Page - Maxim Integrated Products MAX1297BCEG Datasheet HTML 12Page - Maxim Integrated Products MAX1297BCEG Datasheet HTML 13Page - Maxim Integrated Products MAX1297BCEG Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
265ksps, +3V, 6-/2-Channel, 12-Bit ADCs
with +2.5V Reference and Parallel Interface
10
______________________________________________________________________________________
der of the conversion cycle to restore node ZERO to 0V
within the limits of 12-bit resolution. This action is equiv-
alent to transferring a 12pF (VIN+ - VIN-) charge from
CHOLD to the binary-weighted capacitive DAC, which in
turn forms a digital representation of the analog input
signal.
Analog Input Protection
Internal protection diodes, which clamp the analog
input to VDD and GND, allow each input channel to
swing within (GND - 300mV) to (VDD + 300mV) without
damage. However, for accurate conversions near full
scale, both inputs must not exceed (VDD + 50mV) or be
less than (GND - 50mV).
If an analog input voltage exceeds the supplies by
more than 50mV, limit the forward-bias input current
to 4mA.
Track/Hold
The MAX1295/MAX1297 T/H stage enters its tracking
mode on WR’s rising edge. In external acquisition
mode, the part enters its hold mode on the next rising
edge of WR. In internal acquisition mode, the part
enters its hold mode on the fourth falling edge of clock
after writing the control byte. Note that in internal clock
mode this is approximately 1µs after writing the control
byte.
In single-ended operation, IN- is connected to COM
and the converter samples the positive “+” input. In
pseudo-differential operation, IN- connects to the nega-
tive input “-”, and the difference of |(IN+) - (IN-)| is sam-
pled. At the beginning of the next conversion, the
positive input connects back to IN+ and CHOLD
charges to the input signal.
The time required for the T/H stage to acquire an input
signal depends on how quickly its input capacitance is
charged. If the input signal’s source impedance is high,
the acquisition time lengthens and more time must be
allowed between conversions. The acquisition time,
tACQ, is the maximum time the device takes to acquire
the signal, and is also the minimum time required for
the signal to be acquired. Calculate this with the follow-
ing equation:
tACQ = 9 (RS + RIN) CIN
where RS is the source impedance of the input signal,
RIN (800Ω) is the input resistance, and CIN (12pF) is
the input capacitance of the ADC. Source impedances
below 3k
Ω have no significant impact on the MAX1295/
MAX1297’s AC performance.
Higher source impedances can be used if a 0.01µF
capacitor is connected to the individual analog inputs.
A1
CH0
0
+
0
-
0
A0
0
1
CH2*
CH4*
+
-
0
1
0
+
CH3*
-
0
CH1
COM
1
CH5*
1
+
-
0
0
0
A2
+
-
1
0
1
-
+
1
Table 2. Channel Selection for Single-Ended Operation (SGL/DIF = 1)
Table 3. Channel Selection for Pseudo-Differential Operation (SGL/DIF = 0)
A1
CH0
0
+
0
-
0
A0
0
-
1
CH2*
CH4*
+
0
1
0
+
-
CH3*
0
CH1
1
CH5*
1
-
+
0
0
0
A2
+
-
1
0
1
-
+
1
*
Channels CH2–CH5 apply to MAX1295 only.
*
Channels CH2–CH5 apply to MAX1295 only.


Similar Part No. - MAX1297BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1290 MAXIM-MAX1290 Datasheet
388Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1531; Rev 3; 12/02
MAX12900 MAXIM-MAX12900 Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
MAX12900EVKIT MAXIM-MAX12900EVKIT Datasheet
2Mb / 21P
   Loop-powered 4mA–20mA Transmitter with PWM Inputs
Rev 1; 11/17
MAX12900 MAXIM-MAX12900_V01 Datasheet
1Mb / 31P
   Ultra-Low-Power 4-20mA Sensor Transmitter
19-100086; Rev 2; 3/18
More results

Similar Description - MAX1297BCEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1265 MAXIM-MAX1265 Datasheet
307Kb / 19P
   265ksps, 3V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1294 MAXIM-MAX1294 Datasheet
226Kb / 20P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
19-1533; Rev 0; 9/99
MAX1294 MAXIM-MAX1294_V01 Datasheet
392Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1266 MAXIM-MAX1266 Datasheet
390Kb / 19P
   420ksps, 5V, 6-/2-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291_V01 Datasheet
366Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
2002
MAX1261 MAXIM-MAX1261 Datasheet
292Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 0; 04/03
MAX1291 MAXIM-MAX1291 Datasheet
374Kb / 20P
   250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 2/00
MAX1091 MAXIM-MAX1091 Datasheet
405Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 2; 12/02
MAX1061 MAXIM-MAX1061 Datasheet
232Kb / 20P
   250ksps, 3V, 8-/4-Channel, 10-Bit ADCs with 2.5V Reference and Parallel Interface
Rev 1; 3/09
MAX1292 MAXIM-MAX1292 Datasheet
382Kb / 20P
   400ksps, 5V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com