Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1400EAI Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1400EAI
Description  %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1400EAI Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1400EAI Datasheet HTML 7Page - Maxim Integrated Products MAX1400EAI Datasheet HTML 8Page - Maxim Integrated Products MAX1400EAI Datasheet HTML 9Page - Maxim Integrated Products MAX1400EAI Datasheet HTML 10Page - Maxim Integrated Products MAX1400EAI Datasheet HTML 11Page - Maxim Integrated Products MAX1400EAI Datasheet HTML 12Page - Maxim Integrated Products MAX1400EAI Datasheet HTML 13Page - Maxim Integrated Products MAX1400EAI Datasheet HTML 14Page - Maxim Integrated Products MAX1400EAI Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
+5V, 18-Bit, Low-Power, Multichannel,
Oversampling (Sigma-Delta) ADC
______________________________________________________________________________________
11
_______________Detailed Description
Circuit Description
The MAX1400 is a low-power, multichannel, serial-
output, sigma-delta ADC designed for applications with
a wide dynamic range, such as weigh scales and pres-
sure transducers. The functional block diagram in
Figure 2 contains a switching network, a modulator, a
PGA, two buffers, an oscillator, an on-chip digital filter,
and a bidirectional serial communications port.
Three fully-differential input channels feed into the
switching network. Each channel may be independent-
ly programmed with a gain between +1V/V and
+128V/V. These three differential channels may also be
configured to operate as five pseudo-differential input
channels. Two additional, fully differential system-cali-
bration channels allow system gain and offset error to
be measured. These system-calibration channels can
be used as additional differential signal channels when
dedicated gain and offset error correction channels are
not required.
Two chopper-stabilized buffers are available to isolate
the selected inputs from the capacitive loading of the
PGA and modulator. Three independent DACs provide
compensation for the DC component of the input signal
on each of the differential input channels.
The sigma-delta modulator converts the input signal into
a digital pulse train whose average duty cycle represents
the digitized signal information. The pulse train is then
processed by a digital decimation filter, resulting in a
conversion accuracy exceeding 16 bits. The digital filter’s
decimation factor is user-selectable, which allows the
conversion result’s resolution to be reduced to achieve a
higher output data rate. When used with 2.4576MHz or
1.024MHz master clocks, the decimation filter can be
programmed to produce zeros in its frequency response
at the line frequency and associated harmonics. This
ensures excellent line rejection without the need for fur-
ther post-filtering. In addition, the modulator sampling
frequency can be optimized for either lowest power dis-
sipation or highest output data rate.
The MAX1400 can be configured to sequentially scan
all signal inputs and to transmit the results through the
serial interface with minimum communications over-
head. The output word contains a result identification
tag to indicate the source of each conversion result.
MAX1400
SWITCHING
NETWORK
AGND
V+
ADCIN+
MUXOUT+
CALOFF+
CALGAIN+
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
CALOFF-
CALGAIN-
MUXOUT-
ADCIN-
REFIN+
REFIN-
BUFFER
PGA
DAC
MODULATOR
BUFFER
DIVIDER
CLOCK
GEN
CLKIN
CLKOUT
VDD
DGND
V+
AGND
SCLK
DIN
DOUT
INT
CS
RESET
DIGITAL
FILTER
INTERFACE
AND CONTROL
Figure 2. Functional Diagram


Similar Part No. - MAX1400EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1400EAI MAXIM-MAX1400EAI Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
More results

Similar Description - MAX1400EAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1402 MAXIM-MAX1402 Datasheet
411Kb / 40P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1423; Rev 0; 3/99
MAX1403 MAXIM-MAX1403 Datasheet
390Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1481; Rev 0; 4/99
MAX1400 MAXIM-MAX1400_02 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1401 MAXIM-MAX1401 Datasheet
388Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
Rev 0; 5/99
MAX1402 MAXIM-MAX1402_07 Datasheet
562Kb / 38P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 2; 1/07
MAX1401 MAXIM-MAX1401_02 Datasheet
494Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX1403 MAXIM-MAX1403_02 Datasheet
522Kb / 36P
   3V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 2/11
MAX11410A MAXIM-MAX11410A Datasheet
1Mb / 95P
   24-Bit, Multichannel, Low-Power 1.9ksps Delta-Sigma ADC with PGA
Rev 0; 10/20
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com