Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1406CPE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1406CPE
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1406CPE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1406CPE Datasheet HTML 1Page - Maxim Integrated Products MAX1406CPE Datasheet HTML 2Page - Maxim Integrated Products MAX1406CPE Datasheet HTML 3Page - Maxim Integrated Products MAX1406CPE Datasheet HTML 4Page - Maxim Integrated Products MAX1406CPE Datasheet HTML 5Page - Maxim Integrated Products MAX1406CPE Datasheet HTML 6Page - Maxim Integrated Products MAX1406CPE Datasheet HTML 7Page - Maxim Integrated Products MAX1406CPE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
±15kV ESD-Protected, EMC-Compliant,
230kbps, 3-Tx/3-Rx RS-232 IC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, VDD = +10.8V to +13.2V, VSS = -10.8V to -13.2V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ...........................................................................-0.3V to +7V
VDD .........................................................................-0.3V to +14V
VSS..........................................................................+0.3V to -14V
Input Voltages
TIN .........................................................................-0.3V to +6V
RIN ....................................................................................±30V
Output Voltages
TOUT..................................................................................±15V
ROUT........................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration
TOUT (one at a time)................................................Continuous
ROUT (one at a time)................................................Continuous
Continuous Power Dissipation (TA = +70°C)
DIP (derate 10.53mW/
°C above +70°C) .......................842mW
Wide SO (derate 20.00mW/
°C above +70°C)...................1.6W
SSOP (derate 8.00mW/
°C above +70°C) .....................640mW
Operating Temperature Ranges
MAX1406C_E .......................................................0
°C to +70°C
MAX1406E_E ....................................................-40
°C to +85°C
Storage Temperature Range ............................-65
°C to +160°C
Lead Temperature (soldering, 10sec) ............................+300
°C
VCC = VDD = VSS = 0V, VT_OUT = ±2V
VDD = 7.0V, VSS = -7.0V, RL = 3kΩ
T_IN
T_IN
R_OUT; ISOURCE = 1mA
R_OUT; ISINK = 3.2mA
CONDITIONS
V
2.4
RS-232 Input Threshold High
V
0.75
RS-232 Input Threshold Low
V
-25
+25
Receiver Input Voltage
Operating Range
RECEIVER INPUTS
mA
±35
±60
RS-232 Output Short-Circuit
Current
300
Transmitter Output Resistance
±5.0
Output Voltage Swing
TRANSMITTER OUTPUTS
V
VCC - 0.6
VOHR
Output Voltage High
V
0.4
VOLR
Output Voltage Low
10.8
13.2
VDD
4.5
5.5
VCC
DC CHARACTERISTICS
µA
0.01
1
Input Leakage Current
V
2.0
VIHT
Input Logic Threshold High
V
0.8
VILT
Input Logic Threshold Low
LOGIC
V
-13.2
-10.8
VSS
Operating Voltage Range
230
1000
ICC
185
500
IDD
µA
185
500
ISS
Supply Current
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
VDD = 12V, VSS = -12V, RL = 3kΩ
±9.5
V
V
0.65
RS-232 Input Hysteresis
No load


Similar Part No. - MAX1406CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1400 MAXIM-MAX1400 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX14001 MAXIM-MAX14001 Datasheet
1Mb / 34P
   Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
MAX14001 MAXIM-MAX14001 Datasheet
828Kb / 9P
   Easy Evaluation of the MAX14001/MAX14002
Rev 0; 3/17
MAX14001AAP++ MAXIM-MAX14001AAP+ Datasheet
1Mb / 34P
   Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
More results

Similar Description - MAX1406CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3185 MAXIM-MAX3185 Datasheet
64Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs
19-1076; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
STMicroelectronics
ST3243E STMICROELECTRONICS-ST3243E Datasheet
300Kb / 18P
   짹15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
ST3241E STMICROELECTRONICS-ST3241E_06 Datasheet
261Kb / 17P
   짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com