Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M30621MCM-F52GP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor

Part # M30621MCM-F52GP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M30621MCM-F52GP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor

Back Button M30621MCM-F52GP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M30621MCM-F52GP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M30621MCM-F52GP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M30621MCM-F52GP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M30621MCM-F52GP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M30621MCM-F52GP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M30621MCM-F52GP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M30621MCM-F52GP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M30621MCM-F52GP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 230 page
background image
Description
Mitsubishi microcomputers
M16C / 62 Group (80-pin)
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
6
Package type:
GP : Package
80P6S-A
ROM No.
Omitted for blank one-time PROM version,
EPROM version and flash memory version
ROM capacity:
4 : 32K bytes
8 : 64K bytes
A : 96K bytes
C : 128K bytes
G: 256K bytes
Memory type:
M : Mask ROM version
E : EPROM or one-time PROM version
S : External ROM version
F : Flash memory version
Type No.
M 3 0 6 2 3 M 8 – X X X F P
M16C/62 Group
M16C Family
Shows RAM capacity, pin count, etc
(The value itself has no specific meaning)
Figure 1.1.4. Type No., memory size, and package


Similar Part No. - M30621MCM-F52GP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M30621MCM-F52GP MITSUBISHI-M30621MCM-F52GP Datasheet
253Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30621MCM-F52GP MITSUBISHI-M30621MCM-F52GP Datasheet
2Mb / 237P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M30621MCM-F52GP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com