Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1406CWE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1406CWE
Description  짹15kV ESD-Protected, EMC-Compliant, 230kbps, 3-Tx/3-Rx RS-232 IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1406CWE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1406CWE Datasheet HTML 1Page - Maxim Integrated Products MAX1406CWE Datasheet HTML 2Page - Maxim Integrated Products MAX1406CWE Datasheet HTML 3Page - Maxim Integrated Products MAX1406CWE Datasheet HTML 4Page - Maxim Integrated Products MAX1406CWE Datasheet HTML 5Page - Maxim Integrated Products MAX1406CWE Datasheet HTML 6Page - Maxim Integrated Products MAX1406CWE Datasheet HTML 7Page - Maxim Integrated Products MAX1406CWE Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
±15kV ESD-Protected, EMC-Compliant,
230kbps, 3-Tx/3-Rx RS-232 IC
4
_______________________________________________________________________________________
__________________________________________Typical Operating Characteristics
(VCC = +5.0V, VDD = +12.0V, VSS = -12.0V, TA = +25°C, unless otherwise noted.)
-20
10.8
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
-15
-10
-5
0
5
10
15
ICC
20
11.4
12.0
12.6
13.2
1 TRANSMITTER AT DATA RATE
2 TRANMITTERS AT DATA RATE/16
IDD, 240kbps
IDD, 20kbps
IDD, 120kbps
ISS, 20kbps
ISS, 120kbps
ISS, 240kbps
3k
Ω + 2500pF LOAD
-25
0
SUPPLY CURRENT
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
-15
-20
-10
-5
0
10
5
15
20
25
1000
2000
3000
4000
5000
ICC
1 TRANSMITTER AT DATA RATE
2 TRANMITTERS AT DATA RATE/16
IDD, 240kbps
IDD, 20kbps
IDD, 120kbps
ISS, 20kbps
ISS, 120kbps
ISS, 240kbps
3k
Ω + CL
0
0
SLEW RATE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
2
4
6
8
10
12
14
16
1000
2000
3000
4000
5000
FALL
RISE
1 TRANSMITTER AT DATA RATE
2 TRANMITTERS AT DATA RATE/16
3k
Ω + CL LOAD
-12.5
0
TRANSMITTER OUTPUT VOLTAGE
vs. LOAD CAPACITANCE
LOAD CAPACITANCE (pF)
-7.5
-10.0
-5.0
-2.5
0
5.0
2.5
7.5
10.0
12.5
1000
2000
3000
4000
5000
1 TRANSMITTER AT DATA RATE
2 TRANMITTERS AT DATA RATE/16
3k
Ω + CL LOAD
240kbps
120kbps
120kbps
240kbps


Similar Part No. - MAX1406CWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1400 MAXIM-MAX1400 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX14001 MAXIM-MAX14001 Datasheet
1Mb / 34P
   Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
MAX14001 MAXIM-MAX14001 Datasheet
828Kb / 9P
   Easy Evaluation of the MAX14001/MAX14002
Rev 0; 3/17
MAX14001AAP++ MAXIM-MAX14001AAP+ Datasheet
1Mb / 34P
   Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
More results

Similar Description - MAX1406CWE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3185 MAXIM-MAX3185 Datasheet
64Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Motherboards/Desktop PCs
19-1076; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
MAX202E MAXIM-MAX202E_15 Datasheet
395Kb / 25P
   짹15kV ESD-Protected,5V RS-232 Transceivers
Rev 7; 1/15
logo
Intersil Corporation
ISL81387 INTERSIL-ISL81387 Datasheet
1Mb / 27P
   짹15kV ESD Protected, Dual Protocol (RS-232/RS-485) Transceivers
logo
STMicroelectronics
ST3243E STMICROELECTRONICS-ST3243E Datasheet
300Kb / 18P
   짹15KV ESD PROTECTED 3 TO 5.5V, 400KBPS, RS-232 TRANSCEIVER WITH AUTO-POWERDOWN
ST3241E STMICROELECTRONICS-ST3241E_06 Datasheet
261Kb / 17P
   짹15kV ESD Protected 3 to 5.5V, 400kbps, RS-232 transceiver with auto-powerdown
logo
Intersil Corporation
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com