Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1407CAI Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1407CAI
Description  Low-Power, 16-Bit Multichannel DAS with Internal Reference,10-Bit DACs, and RTC
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1407CAI Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1407CAI Datasheet HTML 2Page - Maxim Integrated Products MAX1407CAI Datasheet HTML 3Page - Maxim Integrated Products MAX1407CAI Datasheet HTML 4Page - Maxim Integrated Products MAX1407CAI Datasheet HTML 5Page - Maxim Integrated Products MAX1407CAI Datasheet HTML 6Page - Maxim Integrated Products MAX1407CAI Datasheet HTML 7Page - Maxim Integrated Products MAX1407CAI Datasheet HTML 8Page - Maxim Integrated Products MAX1407CAI Datasheet HTML 9Page - Maxim Integrated Products MAX1407CAI Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
Low-Power, 16-Bit Multichannel DAS with
Internal Reference,10-Bit DACs, and RTC
6
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(DVDD = AVDD = +2.7V to 3.6V, 4.7µF at REF, internal VREF, 18nF between CPLL and AVDD, 32.768kHz crystal across CLKIN and
CLKOUT, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
D0 Output Low Voltage
(MAX1407/MAX1408/MAX1414
only)
ISINK = 200µA, DVDD = +2.7V to +3.6V
0.7
mV
D0 Output High Voltage
(MAX1407/MAX1408/MAX1414
only)
ISOURCE = 2mA, DVDD = +2.7V to +3.6V
DVDD
- 0.1
V
POWER REQUIREMENTS
Run, Idle, and Standby mode
2.7
3.6
Supply Voltage Range
VDD
Sleep mode
1.8
3.6
V
MAX1407/MAX1414
1.15
MAX1408
1.03
Run mode
MAX1409
1.09
mA
MAX1407/MAX1414
650
MAX1408
530
Idle mode
MAX1409
590
Standby mode
MAX1407/MAX1408/
MAX1409/MAX1414
330
Supply Current (Note 5)
IDD
Sleep mode
VDD = 2.7V
MAX1407/MAX1408/
MAX1409/MAX1414
1.7
2.5
µA
TIMING CHARACTERISTICS
(MAX1407/MAX1408/MAX1409/MAX1414: AVDD = DVDD = 2.7V to 3.6V, TA = TMIN to TMAX, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING PARAMETERS
SCLK Operating Frequency
fSCLK
2.1
MHz
SCLK Cycle Time
tCYC
476
ns
SCLK Pulse Width High
tCH
190
ns
SCLK Pulse Width Low
tCL
190
ns
DIN to SCLK Setup
tDS
100
ns
DIN to SCLK Hold
tDH
0ns
SCLK Fall to Output Data Valid
tDO
CL = 50pF (see load circuit)
200
ns
CS Fall to Output Enable
tDV
CL = 50pF (see load circuit)
240
ns
CS Rise to Output Disable
tTR
CL = 50pF (see load circuit)
240
ns
CS to SCLK Rise Setup
tCSS
100
ns
CS to SCLK Rise Hold
tCSH
0ns


Similar Part No. - MAX1407CAI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1400 MAXIM-MAX1400 Datasheet
410Kb / 36P
   %V, 18-Bit, Low-Power, Multichannel, Oversampling Sigma-Delta ADC
19-1430; Rev 0; 2/99
MAX1400 MAXIM-MAX1400 Datasheet
494Kb / 34P
   5V, 18-Bit, Low-Power, Multichannel, Oversampling (Sigma-Delta) ADC
Rev 1; 7/02
MAX14001 MAXIM-MAX14001 Datasheet
1Mb / 34P
   Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
MAX14001 MAXIM-MAX14001 Datasheet
828Kb / 9P
   Easy Evaluation of the MAX14001/MAX14002
Rev 0; 3/17
MAX14001AAP++ MAXIM-MAX14001AAP+ Datasheet
1Mb / 34P
   Configurable, Isolated 10-bit ADCs for Multi-Range Binary Inputs
Rev 0; 5/16
More results

Similar Description - MAX1407CAI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC81402 TI-DAC81402 Datasheet
5Mb / 54P
[Old version datasheet]   DACx1402 Dual, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
DAC81404 TI-DAC81404_V01 Datasheet
5Mb / 53P
[Old version datasheet]   DACx1404 Quad, 16-Bit and 12-Bit, High-Voltage-Output DACs With Internal Reference
logo
Maxim Integrated Produc...
MAX5650 MAXIM-MAX5650 Datasheet
283Kb / 14P
   16-Bit, Parallel-Input Voltage-Output DACs with Internal Reference
Rev 0; 2/06
MAX5200 MAXIM-MAX5200 Datasheet
288Kb / 13P
   Low-Cost, Voltage-Output, 16-Bit DACs with Internal Reference in μMAX
Rev 2; 10/04
MAX507 MAXIM-MAX507 Datasheet
369Kb / 12P
   Voltage-Output, 12-Bit DACs with Internal Reference
Rev A 9/91
logo
Texas Instruments
DAC80504 TI1-DAC80504_17 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC80504 TI1-DAC80504_18 Datasheet
2Mb / 48P
[Old version datasheet]   Quad, 16-, 14-Bit, SPI Voltage Output DACs With Internal Reference
DAC61401 TI1-DAC61401 Datasheet
3Mb / 51P
[Old version datasheet]   DACx1401 Single-Channel, 16-Bit and 12-Bit, High-Voltage Output DACs With Precision Internal Reference
NOVEMBER 2023
DAC81416 TI1-DAC81416_18 Datasheet
2Mb / 56P
[Old version datasheet]   16-Channel, 16-,14-,12-Bit, High-Voltage Output DACs with Internal Reference
logo
Maxim Integrated Produc...
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com