Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NF2L757GR Datasheet(PDF) 10 Page - NICHIA CORPORATION

Part # NF2L757GR
Description  Built-in ESD Protection Device
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NF2L757GR Datasheet(HTML) 10 Page - NICHIA CORPORATION

Back Button NF2L757GR Datasheet HTML 6Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 7Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 8Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 9Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 10Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 11Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 12Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 13Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 14Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
NICHIA STS-DA1-3680 <Cat.No.150609>
9
* If the top cover tape is removed right next to where the nozzle picks up the LEDs, regardless of whether the LEDs have been baked
or not, it may cause the LED to be picked up incorrectly; it is recommended to remove the top cover tape further
from where the nozzle picks up the LEDs. Ensure that there are no issues with the conditions when the nozzle picks up the LEDs.
● Recommended Tape Removal Position(Removing the cover tape further from the pick-and-place nozzle)
吸着ノズル
Pick-and-place nozzle
キャリアテープ引き出し方向
Feed Direction of the Carrier Tape
テープ剥離位置
Tape Removal Position
製品テープ
Top Cover Tape
● Incorrect Tape Removal Position(Removing the cover tape right next to the pick-and-place nozzle)
製品テープ
Top Cover Tape
吸着ノズル
Pick-and-place nozzle
テープ剥離位置
Tape Removal Position
キャリアテープ引き出し方向
Feed Direction of the Carrier Tape
* Verify the setting conditions when the LEDs are mounted onto a PCB to ensure that the LEDs are mounted onto the PCB
with the correct polarity. If the cathode mark is not able to be easily recognized with a visual inspection,
check the back or side of the LED to determine the polarity.
* The recommended soldering pad pattern is designed for attachment of the LED without problems.
When precise mounting accuracy is required, such as high-density mounting, ensure that the size and shape of the pad
are suitable for the circuit design.
* Consider factors such as the reflow soldering temperature, hand soldering temperature, etc. when choosing the solder.
* When flux is used, it should be a halogen free flux. Ensure that the manufacturing process is not designed in a manner
where the flux will come in contact with the LEDs.
* Make sure that there are no issues with the type and amount of solder that is being used.
* All of the electrode pads are on the backside of this product; solder connections will not be able to be seen nor confirmed
by a normal visual inspection. When using the product, ensure that there are no issues with the soldering conditions.


Similar Part No. - NF2L757GR

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NF2L757GRT NICHIA-NF2L757GRT Datasheet
306Kb / 21P
   WHITE LED
NF2L757GRT-V1 NICHIA-NF2L757GRT-V1 Datasheet
733Kb / 29P
   SPECIFICATIONS FOR WARM WHITE LED
NF2L757GRT-V1 NICHIA-NF2L757GRT-V1 Datasheet
328Kb / 21P
   WHITE LED
NF2L757GRT-V1U4 NICHIA-NF2L757GRT-V1U4 Datasheet
726Kb / 29P
   SPECIFICATIONS FOR WARM WHITE LED
NF2L757GRT-V1 NICHIA-NF2L757GRT-V1_18 Datasheet
328Kb / 21P
   WHITE LED
More results

Similar Description - NF2L757GR

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com