Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NF2L757GR Datasheet(PDF) 11 Page - NICHIA CORPORATION

Part # NF2L757GR
Description  Built-in ESD Protection Device
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NF2L757GR Datasheet(HTML) 11 Page - NICHIA CORPORATION

Back Button NF2L757GR Datasheet HTML 7Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 8Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 9Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 10Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 11Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 12Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 13Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 14Page - NICHIA CORPORATION NF2L757GR Datasheet HTML 15Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
NICHIA STS-DA1-3680 <Cat.No.150609>
10
TAPE AND REEL DIMENSIONS
Reel Size: 5000pcs
STS-DA7-7099
数量は
1リールにつき 5000個入りです。
*
Nxxx757x
トレーラ部
/リーダ部 Trailer and Leader
Top Cover Tape
引き出し方向
LED装着部
リーダ部最小
400mm
トレーラ部最小
160mm(空部)
Trailer 160mm MIN(Empty Pockets)
Loaded Pockets
エンボスキャリアテープ
Embossed Carrier Tape
トップカバーテープ
Feed
Direction
Leader without Top Cover Tape 400mm MIN
引き出し部最小
100mm(空部)
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
* JIS C 0806電子部品テーピングに準拠しています。
管理番号
No.
(単位 Unit: mm)
リール部
Reel
f 13
±0.2
f 21
±0.8
ラベル
Label
11.4±1
9±0.3
180+0
-3
-0
Φ
1.5+0.1
テーピング部
Tape
4±0.1
4±0.1
2±0.05
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* 実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合、
エンボスキャリアテープを強く
(10N以上)締めないで下さい。
LEDがカバーテープに貼り付く可能性があります。
3.18±0.1
0.2±0.05
0.8±0.1
Cathode Mark
-0
Φ
1+0.2


Similar Part No. - NF2L757GR

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NF2L757GRT NICHIA-NF2L757GRT Datasheet
306Kb / 21P
   WHITE LED
NF2L757GRT-V1 NICHIA-NF2L757GRT-V1 Datasheet
733Kb / 29P
   SPECIFICATIONS FOR WARM WHITE LED
NF2L757GRT-V1 NICHIA-NF2L757GRT-V1 Datasheet
328Kb / 21P
   WHITE LED
NF2L757GRT-V1U4 NICHIA-NF2L757GRT-V1U4 Datasheet
726Kb / 29P
   SPECIFICATIONS FOR WARM WHITE LED
NF2L757GRT-V1 NICHIA-NF2L757GRT-V1_18 Datasheet
328Kb / 21P
   WHITE LED
More results

Similar Description - NF2L757GR

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com