Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV756S_BAW56 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BAV756S_BAW56
Description  High-speed switching diodes
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAV756S_BAW56 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BAV756S_BAW56_15 Datasheet HTML 5Page - NXP Semiconductors BAV756S_BAW56_15 Datasheet HTML 6Page - NXP Semiconductors BAV756S_BAW56_15 Datasheet HTML 7Page - NXP Semiconductors BAV756S_BAW56_15 Datasheet HTML 8Page - NXP Semiconductors BAV756S_BAW56_15 Datasheet HTML 9Page - NXP Semiconductors BAV756S_BAW56_15 Datasheet HTML 10Page - NXP Semiconductors BAV756S_BAW56_15 Datasheet HTML 11Page - NXP Semiconductors BAV756S_BAW56_15 Datasheet HTML 12Page - NXP Semiconductors BAV756S_BAW56_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
BAV756S_BAW56_SER
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 6 — 18 March 2015
9 of 16
NXP Semiconductors
BAV756S; BAW56 series
High-speed switching diodes
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
11. Soldering
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
10000
BAV756S
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165
BAW56
SOT23
4 mm pitch, 8 mm tape and reel
-215
-235
BAW56M
SOT883
2 mm pitch, 8 mm tape and reel
-
-315
BAW56S
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-165
BAW56T
SOT416
4 mm pitch, 8 mm tape and reel
-115
-135
BAW56W
SOT323
4 mm pitch, 8 mm tape and reel
-115
-135
Fig 12. Reflow soldering footprint BAW56 (SOT23/TO-236AB)
solder lands
solder resist
occupied area
solder paste
sot023_fr
0.5
(3
×)
0.6
(3
×)
0.6
(3
×)
0.7
(3
×)
3
1
3.3
2.9
1.7
1.9
2
Dimensions in mm


Similar Part No. - BAV756S_BAW56_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV756S PHILIPS-BAV756S Datasheet
73Kb / 12P
   High-speed switching diode array
1997 Oct 21
BAV756S NXP-BAV756S Datasheet
115Kb / 15P
   High-speed switching diodes
Rev. 05-26 November 2007
BAV756S NXP-BAV756S Datasheet
115Kb / 15P
   High-speed switching diodes
Rev. 05-26 November 2007
logo
Nexperia B.V. All right...
BAV756S NEXPERIA-BAV756S Datasheet
212Kb / 9P
   High-speed switching diode
28 October 2022
More results

Similar Description - BAV756S_BAW56_15

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
   High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
   High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
   High Speed Switching Diodes
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
   High Speed SWITCHING Diodes
logo
EIC discrete Semiconduc...
1N914 EIC-1N914 Datasheet
48Kb / 2P
   HIGH SPEED SWITCHING DIODES
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
   High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
   High Speed Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com