Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1420ECM Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1420ECM
Description  12-Bit, 60Msps, 3.3V, Low-Power ADC with Internal Reference
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1420ECM Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1420ECM Datasheet HTML 3Page - Maxim Integrated Products MAX1420ECM Datasheet HTML 4Page - Maxim Integrated Products MAX1420ECM Datasheet HTML 5Page - Maxim Integrated Products MAX1420ECM Datasheet HTML 6Page - Maxim Integrated Products MAX1420ECM Datasheet HTML 7Page - Maxim Integrated Products MAX1420ECM Datasheet HTML 8Page - Maxim Integrated Products MAX1420ECM Datasheet HTML 9Page - Maxim Integrated Products MAX1420ECM Datasheet HTML 10Page - Maxim Integrated Products MAX1420ECM Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
12-Bit, 60Msps, +3.3V, Low-Power ADC
with Internal Reference
Typical Operating Characteristics (continued)
(VAVDD = VDVDD = +3.3V, AGND = DGND = 0, VIN = ±1.024V, differential input voltage at -0.5dB FS, fCLK = 60.006MHz (50% duty
cycle), digital output load CL = 10pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25
°C.)
60
62
66
64
68
70
-40
10
-15
35
60
85
TEMPERATURE (
°C)
SIGNAL-TO-NOISE RATIO
vs. TEMPERATURE
fIN = 15MHz
2
1
0
-1
-2
02048
1024
3072
4096
INTEGRAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
DIGITAL OUTPUT CODE
0.50
0.25
0
-0.25
-0.50
0
2048
1024
3072
4096
DIGITAL OUTPUT CODE
DIFFERENTIAL NONLINEARITY
vs. DIGITAL OUTPUT CODE
-1.25
-1.00
-0.50
-0.75
-0.25
0
-40
10
-15
35
60
85
OFFSET ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
55
57
61
59
63
65
3.1
3.5
AVDD (V)
ANALOG SUPPLY CURRENT
vs. ANALOG SUPPLY VOLTAGE
3.3
3.2
3.4
64
68
76
72
80
84
-40
10
-15
35
60
85
TEMPERATURE (
°C)
SPURIOUS-FREE DYNAMIC RANGE
vs. TEMPERATURE
fIN = 15MHz
-0.500
0.250
-40
10
-15
35
60
85
TEMPERATURE (
°C)
GAIN ERROR vs. TEMPERATURE,
EXTERNAL REFERENCE VREFIN = +2.048V
-0.250
-0.375
0
-0.125
0.125
60
66
-40
10
-15
35
60
85
TEMPERATURE (
°C)
SIGNAL-TO-NOISE + DISTORTION
vs. TEMPERATURE
fIN = 15MHz
62
61
64
63
65
-75
-73
-69
-71
-67
-65
-40
10
-15
35
60
85
TEMPERATURE (
°C)
TOTAL HARMONIC DISTORTION
vs. TEMPERATURE
fIN = 15MHz
________________________________________________________________________________________
7


Similar Part No. - MAX1420ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1420EVKIT MAXIM-MAX1420EVKIT Datasheet
235Kb / 6P
   Easy Data Capture Configuration
Rev 0; 5/01
More results

Similar Description - MAX1420ECM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1446 MAXIM-MAX1446_08 Datasheet
250Kb / 20P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 4; 11/08
MAX1446 MAXIM-MAX1446 Datasheet
282Kb / 16P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 1; 7/03
MAX1421 MAXIM-MAX1421 Datasheet
310Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
19-1900; Rev 0; 5/01
MAX1422 MAXIM-MAX1422 Datasheet
727Kb / 15P
   12-Bit, 20Msps, 3.3V, Low-Power ADC with Internal Reference
Rev 1; 5/04
MAX1446-07 MAXIM-MAX1446-07 Datasheet
377Kb / 22P
   10-Bit, 60Msps, 3.0V, Low-Power ADC with Internal Reference
Rev 3; 11/07
MAX1421 MAXIM-MAX1421_V01 Datasheet
571Kb / 17P
   12-Bit, 40Msps, 3.3V, Low-Power ADC with Internal Reference
2006
MAX1197 MAXIM-MAX1197 Datasheet
544Kb / 22P
   Dual, 8-Bit, 60Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2002
MAX1449 MAXIM-MAX1449 Datasheet
603Kb / 18P
   10-Bit, 105Msps, Single 3.3V, Low-Power ADC with Internal Reference
Rev 0; 10/00
MAX191 MAXIM-MAX191 Datasheet
227Kb / 24P
   Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
19-4506; Rev 4; 2/97
logo
Texas Instruments
TLV2556 TI1-TLV2556_14 Datasheet
1Mb / 38P
[Old version datasheet]   12-BIT, 200-KSPS, 11 CHANNEL, LOW POWER, SERIAL ADC WITH INTERNAL REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com