Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

POL10.16 Datasheet(PDF) 3 Page - Arch Electronics Corp.

Part # POL10.16
Description  Input under Voltage Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARCH [Arch Electronics Corp.]
Direct Link  http://www.archcorp.com.tw
Logo ARCH - Arch Electronics Corp.

POL10.16 Datasheet(HTML) 3 Page - Arch Electronics Corp.

  POL10.16 Datasheet HTML 1Page - Arch Electronics Corp. POL10.16 Datasheet HTML 2Page - Arch Electronics Corp. POL10.16 Datasheet HTML 3Page - Arch Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
VER : A_0
update : 2014.04.25
DC-DC Brick
POL10/16 SERIES
10/16 A
http://www.archcorp.com.tw
TEL: +886-2-26989508
FAX: +886-2-26981319
-3-
MECHANICAL DIMENSION
PIN#
Single
1
DC OUT
2
DC OUT
3
Sense
4
DC OUT
5
GND
6
GND
7
DC IN
8
DC IN
10
Trim
11
ON/OFF
Note
1. All dimensions in mm [in.]
Tolerances: x.x ± 0.5 mm [x.xx ± 0.02 in.]
x.xx± 0.25 mm [x.xxx ± 0.010 in.]
2. Tolerances for the lengths, widths of all pins are x.xx ± 0.10 mm [x.xxx ±0.004 in.]


Similar Part No. - POL10.16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
POL10 ARCH-POL10 Datasheet
365Kb / 3P
   Input under Voltage Protection
POL10-05 ARCH-POL10-05 Datasheet
365Kb / 3P
   Input under Voltage Protection
logo
Wall Industries,Inc.
POL10-05T WALL-POL10-05T Datasheet
320Kb / 5P
   POL10-05T SERIES
POL10-05T WALL-POL10-05T Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
POL10-05T WALL-POL10-05T_18 Datasheet
321Kb / 5P
   10A Output Current Rating DC/DC Open Frame Power Supply Single Output
More results

Similar Description - POL10.16

ManufacturerPart #DatasheetDescription
logo
Arch Electronics Corp.
BR240 ARCH-BR240_16 Datasheet
274Kb / 3P
   Input under Voltage Protection
BR45D-65 ARCH-BR45D-65 Datasheet
420Kb / 4P
   Input under Voltage Protection
BR360 ARCH-BR360 Datasheet
339Kb / 3P
   Input under Voltage Protection
BR400 ARCH-BR400_16 Datasheet
293Kb / 3P
   Input under Voltage Protection
BR100 ARCH-BR100 Datasheet
269Kb / 3P
   Input under Voltage Protection
logo
Bel Fuse Inc.
0RQ1-S0M11L BEL-0RQ1-S0M11L Datasheet
720Kb / 21P
   Input Under-Voltage Protection
logo
Arch Electronics Corp.
BR130 ARCH-BR130 Datasheet
475Kb / 5P
   Input under Voltage Protection
BR130 ARCH-BR130_16 Datasheet
475Kb / 5P
   Input under Voltage Protection
BRH100 ARCH-BRH100_16 Datasheet
384Kb / 4P
   Input under Voltage Protection
BR300 ARCH-BR300 Datasheet
190Kb / 2P
   Input under Voltage Protection
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com