Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB170 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BB170
Description  VHF variable capacitance diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BB170 Datasheet(HTML) 1 Page - NXP Semiconductors

  BB170_15 Datasheet HTML 1Page - NXP Semiconductors BB170_15 Datasheet HTML 2Page - NXP Semiconductors BB170_15 Datasheet HTML 3Page - NXP Semiconductors BB170_15 Datasheet HTML 4Page - NXP Semiconductors BB170_15 Datasheet HTML 5Page - NXP Semiconductors BB170_15 Datasheet HTML 6Page - NXP Semiconductors BB170_15 Datasheet HTML 7Page - NXP Semiconductors BB170_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1.
Product profile
1.1 General description
The BB170 is a variable capacitance diode, fabricated in planar technology, and
encapsulated in the SOD323 (SC-76) very small SMD plastic package.
1.2 Features and benefits
Excellent linearity
Very small SMD plastic package
Cd(28V) = 2.6 pF; Cd(1V) to Cd(28V) ratio = 15
Low series resistance
1.3 Applications
Voltage Controlled Oscillators (VCO)
2.
Pinning information
[1]
The marking bar indicates the cathode.
3.
Ordering information
BB170
VHF variable capacitance diode
Rev. 1 — 25 March 2013
Product data sheet
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1
cathode
[1]
2
anode
2
1
sym008
Table 2.
Ordering information
Type number
Package
Name
Description
Version
BB170
SC-76
plastic surface-mounted package; 2 leads
SOD323


Similar Part No. - BB170_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB170 NXP-BB170 Datasheet
93Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
BusBoard Prototype Syst...
BB170 BUSBOARD-BB170 Datasheet
261Kb / 3P
   170 tie point solderless “plug-in” breadboards provide a quick way to build and test circuits for experimentation or when learning electronics.
Rev 4.00
More results

Similar Description - BB170_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BB182LX NXP-BB182LX Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-29 January 2009
BB181 NXP-BB181 Datasheet
226Kb / 6P
   VHF variable capacitance diode
Rev. 02-2 January 2008
logo
Quanzhou Jinmei Electro...
BBY40_2015 JMNIC-BBY40_2015 Datasheet
35Kb / 4P
   VHF variable capacitance diode
BB152_2015 JMNIC-BB152_2015 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB187LX PHILIPS-BB187LX_15 Datasheet
57Kb / 7P
   VHF variable capacitance diode
Rev. 01-19 February 2009
BB173 NXP-BB173 Datasheet
86Kb / 8P
   VHF variable capacitance diode
Rev. 1-25 March 2013
logo
Quanzhou Jinmei Electro...
BB152 JMNIC-BB152_15 Datasheet
58Kb / 7P
   VHF variable capacitance diode
logo
NXP Semiconductors
BB157 PHILIPS-BB157 Datasheet
59Kb / 8P
   VHF variable capacitance diode
2002 Mar 05
BB132 PHILIPS-BB132 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
BB148 PHILIPS-BB148 Datasheet
54Kb / 8P
   VHF variable capacitance diode
1998 Sep 15
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com