Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX144BCPA Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX144BCPA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX144BCPA Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX144BCPA Datasheet HTML 1Page - Maxim Integrated Products MAX144BCPA Datasheet HTML 2Page - Maxim Integrated Products MAX144BCPA Datasheet HTML 3Page - Maxim Integrated Products MAX144BCPA Datasheet HTML 4Page - Maxim Integrated Products MAX144BCPA Datasheet HTML 5Page - Maxim Integrated Products MAX144BCPA Datasheet HTML 6Page - Maxim Integrated Products MAX144BCPA Datasheet HTML 7Page - Maxim Integrated Products MAX144BCPA Datasheet HTML 8Page - Maxim Integrated Products MAX144BCPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
+2.7V, Low-Power, 2-Channel, 108ksps,
Serial 12-Bit ADCs in 8-Pin µMAX
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX145, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
VREF = 2.5V
On/off leakage current, VIN = 0 to VDD
k
18
25
Input Resistance
µA
100
140
V
0VDD
+ 50mV
VREF
Input Voltage Range (Note 7)
Input Current
µA
0.01
10
CONDITIONS
Shutdown REF Input Current
µA
±0.01
±1
Multiplexer Leakage Current
V
0VREF
VIN
Analog Input Voltage Range
(Note 6)
pF
16
CIN
Input Capacitance
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Input Leakage Current
IIN
±1
µA
Input Hysteresis
VHYS
0.2
V
0.2
5
µA
Input High Voltage
VIH
2.0
V
3.0
Input Low Voltage
VIL
0.8
V
Positive Supply Current
IDD
0.9
2.0
mA
Three-State Output Capacitance
COUT
15
pF
Positive Supply Voltage
VDD
2.7
5.25
V
Power-Supply Rejection
(Note 9)
Shutdown, CS/SHDN = GND
Operating mode
PSR
±0.15
mV
CS/SHDN = VDD (Note 8)
VDD = 2.7V to 5.25V,
VREF = 2.5V, full-scale input
Three-State Output Leakage
Current
±10
µA
Output High Voltage
VOH
VDD - 0.5
V
Output Low Voltage
Input Capacitance
VIN = 0 or VDD
CIN
15
pF
VOL
0.4
V
0.5
VDD ≤ 3.6V
VDD > 3.6V
CS/SHDN = VDD
ISOURCE = 0.5mA
(Note 8)
ISINK = 5mA
ISINK = 16mA
ANALOG INPUTS
EXTERNAL REFERENCE
DIGITAL INPUTS (CS/SHDN) AND OUTPUT (DOUT)
POWER REQUIREMENTS


Similar Part No. - MAX144BCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144BCPA MAXIM-MAX144BCPA Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
More results

Similar Description - MAX144BCPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com