Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1457 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1457
Description  0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1457 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1457 Datasheet HTML 1Page - Maxim Integrated Products MAX1457 Datasheet HTML 2Page - Maxim Integrated Products MAX1457 Datasheet HTML 3Page - Maxim Integrated Products MAX1457 Datasheet HTML 4Page - Maxim Integrated Products MAX1457 Datasheet HTML 5Page - Maxim Integrated Products MAX1457 Datasheet HTML 6Page - Maxim Integrated Products MAX1457 Datasheet HTML 7Page - Maxim Integrated Products MAX1457 Datasheet HTML 8Page - Maxim Integrated Products MAX1457 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
0.1%-Accurate Signal Conditioner
for Piezoresistive Sensor Compensation
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +5V, VSS = 0V, TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage, VDD to VSS......................................-0.3V to +6V
All other pins ....................................(VSS - 0.3V) to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
28-Pin Wide SO (derate 12.50mW/°C above +70°C) ..........1W
32-Pin TQFP (derate 11.1mW/°C above +70°C)...........889mW
Operating Temperature Ranges
MAX1457C_ _ ......................................................0°C to +70°C
MAX1457A_ _ .................................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
Reference voltage = 5.000V
RBIAS = 400kΩ, fCLK = 100kHz (Note 1)
Gain = 54, DC to 10Hz, sensor impedance =
5k
Ω, full-span output = 4V
VOUT = (VSS + 0.25V) to (VDD - 0.25V)
(Note 5)
(Note 4)
5k
Ω load to VSS or VDD
From VSS to VDD
fCLK = 100kHz, to 63% of final value
(Notes 2, 3)
CONDITIONS
µV
200
DAC Voltage Resolution
V
VSS + 1.3
VDD - 1.3
VISRC
Current-Source Reference Input
Voltage Range
V
VSS + 1.3
VDD - 1.3
VBR
Bridge Voltage Swing
mA
0.1
0.5
2.0
IBR
Bridge Current Range
%FSO
0.0025
Output Noise
mA
-1.0
1.0
(sink)
(source)
Output Current Range
V
VSS + 0.02
VDD - 0.02
Output Voltage Swing
ppm/°C
±50
Differential Signal Gain Tempco
V/V
54 to 306
Differential Signal Gain Range
mA
2.0
2.6
IDD
Supply Current
V
4.5
5
5.5
VDD
Supply Voltage
mV/V
5 to 30
Input-Referred Adjustable
Full-Span Output Range
mV
±100
Input-Referred Adjustable
Offset Range
dB
90
CMRR
Common-Mode Rejection Ratio
ms
1
Output Step-Response Time
M
1
M
1
RIN
Input Impedance
µV/°C
±0.5
Input-Referred Offset Tempco
%VDD
0.01
Amplifier Gain Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Output filter capacitor = 0.1µF, fCLK = 100kHz
LSB
2
Differential Nonlinearity
Bits
16
DAC Resolution
VSS + 0.25
VDD - 0.25
TA = TMIN to TMAX
V/V
49
54
60
Minimum Differential Signal Gain
GENERAL CHARACTERISTICS
ANALOG INPUT (PGA)
ANALOG OUTPUT (PGA)
DIGITAL-TO-ANALOG CONVERTERS
CURRENT SOURCE
No load


Similar Part No. - MAX1457

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14570 MAXIM-MAX14570 Datasheet
1Mb / 20P
   High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
MAX14570EZT+T MAXIM-MAX14570EZT+T Datasheet
1Mb / 20P
   High-Efficiency Voice Coil Motor Driver
Rev 0; 9/11
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 0; 9/12
MAX14571 MAXIM-MAX14571 Datasheet
1Mb / 14P
   Adjustable Overvoltage and Overcurrent Protectors with High Accuracy
Rev 1; 12/12
MAX14571 MAXIM-MAX14571 Datasheet
605Kb / 11P
   6V to 36V Operating Voltage Range
Rev 0; 8/13
More results

Similar Description - MAX1457

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
logo
Integrated Device Techn...
ZSSC3135 IDT-ZSSC3135 Datasheet
281Kb / 23P
   Sensor Signal Conditioner for Piezoresistive Bridge Sensors
logo
Renesas Technology Corp
ZSSC3135 RENESAS-ZSSC3135 Datasheet
456Kb / 24P
   Sensor Signal Conditioner for Piezoresistive Bridge Sensors
January 27, 2016
logo
Maxim Integrated Produc...
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
   1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3 Datasheet
443Kb / 24P
   SENSOR SIGNAL CONDITIONER WITH TEMPERATURE COMPENSATION AND LINE DRIVER
logo
Maxim Integrated Produc...
MAX1478 MAXIM-MAX1478 Datasheet
210Kb / 20P
   1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner
Rev 0; 9/99
logo
Micro Analog systems
MAS6505 MAS-MAS6505 Datasheet
1Mb / 44P
   Piezoresistive Sensor Signal Interface IC
MAS6503 MAS-MAS6503 Datasheet
1Mb / 34P
   Piezoresistive Sensor Signal Interface IC
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com