Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX144BEUA Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX144BEUA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX144BEUA Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX144BEUA Datasheet HTML 7Page - Maxim Integrated Products MAX144BEUA Datasheet HTML 8Page - Maxim Integrated Products MAX144BEUA Datasheet HTML 9Page - Maxim Integrated Products MAX144BEUA Datasheet HTML 10Page - Maxim Integrated Products MAX144BEUA Datasheet HTML 11Page - Maxim Integrated Products MAX144BEUA Datasheet HTML 12Page - Maxim Integrated Products MAX144BEUA Datasheet HTML 13Page - Maxim Integrated Products MAX144BEUA Datasheet HTML 14Page - Maxim Integrated Products MAX144BEUA Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
DOUT valid timing characteristic. Data should be
clocked into the µP on SCLK’s rising edge.
4) Pull CS/SHDN high at or after the 16th falling clock
edge. If CS/SHDN remains low, trailing zeros will be
clocked out after the LSB.
5) With CS/SHDN high, wait at least 60ns (tCS) before
starting a new conversion by pulling CS/SHDN low.
A conversion can be aborted by pulling CS/SHDN
high before the conversion ends; wait at least 60ns
before starting a new conversion.
Data can be output in two 8-bit sequences or continu-
ously. The bytes will contain the result of the conversion
padded with three leading ones and the channel identi-
fication before the MSB. If the serial clock hasn’t been
idled after the last LSB and CS/SHDN is kept low,
DOUT sends trailing zeros.
SPI and MICROWIRE Interface
When using SPI (Figure 8a) or MICROWIRE (Figure 8b)
interfaces, set CPOL = 0 and CPHA = 0. Conversion
begins with a falling edge on CS/SHDN (Figure 8c).
Two consecutive 8-bit readings are necessary to obtain
the entire 12-bit result from the ADC. DOUT data transi-
tions on the serial clock’s falling edge and is clocked
into the µP on SCLK’s rising edge. The first 8-bit data
stream contains three leading ones, the channel identi-
+2.7V, Low-Power, 2-Channel, 108ksps,
Serial 12-Bit ADCs in 8-Pin µMAX
______________________________________________________________________________________
11
• • •
• • •
• • •
CS/SHDN
SCLK
DOUT
tCL
tDV
tCH
tSCLKS
HIGH-2
HIGH-2
tCS
tDO
tTR
Figure 7. Detailed Serial-Interface Timing Sequence
MAX144
MAX145
CS/SHDN
SCLK
DOUT
I/O
SK
SI
MICROWIRE
CS/SHDN
SCLK
DOUT
I/O
SCK
MISO
VDD
SS
MAX144
MAX145
SPI
Figure 8a. SPI Connections
8b. MICROWIRE Connections
CHID
D11
D10
D9
D8
1
2
3
4
5
6
7
8
9
10
11
121314
15
16
D7
D6
D5
D4
D3
HIGH-Z
DOUT*
CS/SHDN
SCLK
1ST BYTE READ
2ND BYTE READ
SAMPLING INSTANT
*WHEN CS/SHDN IS HIGH, DOUT = HIGH-Z
MSB
LSB
D2
D1
D0
Figure 8c. SPI/MICROWIRE Interface Timing Sequence (CPOL = CPHA = 0)


Similar Part No. - MAX144BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144BEUA MAXIM-MAX144BEUA Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
More results

Similar Description - MAX144BEUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com