Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1452EAE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1452EAE
Description  Low-Cost Precision Sensor Signal Conditioner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1452EAE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1452EAE Datasheet HTML 5Page - Maxim Integrated Products MAX1452EAE Datasheet HTML 6Page - Maxim Integrated Products MAX1452EAE Datasheet HTML 7Page - Maxim Integrated Products MAX1452EAE Datasheet HTML 8Page - Maxim Integrated Products MAX1452EAE Datasheet HTML 9Page - Maxim Integrated Products MAX1452EAE Datasheet HTML 10Page - Maxim Integrated Products MAX1452EAE Datasheet HTML 11Page - Maxim Integrated Products MAX1452EAE Datasheet HTML 12Page - Maxim Integrated Products MAX1452EAE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Typical Nonratiometric
Operating Circuit
(12VDC < VPWR < 40VDC)
Nonratiometric output configuration enables the sensor
power to vary over a wide range. A high performance
voltage reference, such as the MAX6105, is incorporat-
ed in the circuit to provide a stable supply and refer-
ence for MAX1452 operation. A typical example is
shown in Figure 3. Nonratiometric operation is valuable
when wide ranges of input voltage are to be expected
and the system A/D or readout device does not enable
ratiometric operation.
Typical 2-Wire, Loop Powered,
4–20mA Operating Circuit
Process Control systems benefit from a 4–20mA current
loop output format for noise immunity, long cable runs,
and 2-wire sensor operation. The loop voltages can
range from 12VDC to 40VDC and are inherently nonra-
tiometric. The low current consumption of the MAX1452
allows it to operate from loop power with a simple
4–20mA drive circuit efficiently generated using the
integrated uncommitted op amp (Figure 4).
Internal Calibration Registers (ICRs)
The MAX1452 has five 16-bit internal calibration regis-
ters that are loaded from EEPROM, or loaded from the
serial digital interface.
Data can be loaded into the internal calibration regis-
ters under three different circumstances.
Normal Operation, Power-On Initialization Sequence
The MAX1452 has been calibrated, the Secure-
Lock byte is set (CL[7:0] = FFhex) and UNLOCK is
low.
Power is applied to the device.
The power-on reset functions have completed.
Registers CONFIG, OTCDAC, and FSOTCDAC are
refreshed from EEPROM.
Registers ODAC, and FSODAC are refreshed from
the temperature indexed EEPROM locations.
Normal Operation, Continuous Refresh
The MAX1452 has been calibrated, the Secure-
Lock byte has been set (CL[7:0] = FFhex) and
UNLOCK is low.
Power is applied to the device.
The power-on reset functions have completed.
The temperature index timer reaches a 1ms time
period.
Low-Cost Precision Sensor
Signal Conditioner
_______________________________________________________________________________________
9
MAX1452
VPWR
+12V TO +40V
OUT
GND
RSTC
RISRC
0.1
µF 0.1µF
0.1
µF
0.1
µF
INM
TEST VSS
INP
7
9
2
16
1
8
3
BDR
VDDF
OUT
5
6
4
FSOTC
ISRC
SENSOR
MAX6105
5V
GND
1
3
IN
2
1k
VDD
G
S
D
2N4392
Figure 3. Basic Nonratiometric Output Configuration


Similar Part No. - MAX1452EAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452EAE++ MAXIM-MAX1452EAE+ Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452EAE++ MAXIM-MAX1452EAE+ Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452EAE++ MAXIM-MAX1452EAE+ Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
More results

Similar Description - MAX1452EAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1452 MAXIM-MAX1452_10 Datasheet
267Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX1452 MAXIM-MAX1452_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-1829; Rev 5; 4/15
MAX1452 MAXIM-MAX1452_09 Datasheet
182Kb / 25P
   Low-Cost Precision Sensor Signal Conditioner
Rev 2; 4/09
MAX14550 MAXIM-MAX14550_V01 Datasheet
1Mb / 25P
   Low-Cost Precision Sensor Signal Conditioner
19-2088; Rev 2; 5/14
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_09 Datasheet
5Mb / 2P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1455 MAXIM-MAX1455 Datasheet
290Kb / 25P
   Low-Cost Automotive Sensor Signal Conditioner
Rev 1; 10/01
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010 Datasheet
128Kb / 4P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010 ETC2-ZSC31010 Datasheet
821Kb / 47P
   RBicLite??Low-Cost Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31010 ZMD-ZMD31010_07 Datasheet
456Kb / 38P
   RBicLite Low-Cost Sensor Signal Conditioner
logo
List of Unclassifed Man...
ZSC31010CEG1 ETC2-ZSC31010CEG1 Datasheet
827Kb / 46P
   ZSC31010 RBicLite??Low-Cost Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com