Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1458 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX1458
Description  1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1458 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX1458 Datasheet HTML 2Page - Maxim Integrated Products MAX1458 Datasheet HTML 3Page - Maxim Integrated Products MAX1458 Datasheet HTML 4Page - Maxim Integrated Products MAX1458 Datasheet HTML 5Page - Maxim Integrated Products MAX1458 Datasheet HTML 6Page - Maxim Integrated Products MAX1458 Datasheet HTML 7Page - Maxim Integrated Products MAX1458 Datasheet HTML 8Page - Maxim Integrated Products MAX1458 Datasheet HTML 9Page - Maxim Integrated Products MAX1458 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Table 1. Input-Referred Offset DAC
Correction Values
Programmable-Gain Amplifier
The programmable-gain amplifier (PGA), which is used
to set the coarse FSO, uses a switched-capacitor
CMOS technology and contains eight selectable gain
levels from 41 to 230, in increments of 27 (Table 2). The
output of the PGA is fed to the output summing junc-
tion. The three PGA gain bits A2, A1, and A0 are stored
in the configuration register.
Output Summing Junction
The third stage in the analog signal path consists of a
summing junction for the PGA output, offset correction,
and the offset TC correction. Both the offset and the off-
set TC correction voltages are gained by a factor of 2.3
before being fed into the summing junction, increasing
the offset and offset TC correction range. The offset
sign bit and offset TC sign bit are stored in the configu-
ration register. The offset sign bit determines if the off-
set correction voltage is added to (sign bit is high) or
subtracted from (sign bit is low) the PGA output.
Negative offset TC errors require a logic high for the
offset TC sign bit. Alternately, positive offset TC errors
dictate a logic low for the offset TC sign bit. The output
of the summing junction is fed to the output buffer.
Output Buffer
OUT can drive 0.1µF of capacitance. If CS is brought
low, OUT becomes high impedance (resulting in typical
output impedance of 1M
Ω). The output is current limit-
ed and can be shorted to either VDD or VSS indefinitely.
The maximum output voltage can be limited using the
LIMIT pin. Output limiting can be performed for sensor
diagnostic purposes. Connect LIMIT to VDD to disable
the voltage-limiting feature.
Bridge Drive
Fine FSO correction is accomplished by varying the
sensor excitation current with the 12-bit FSO DAC
(Figure 3). Sensor bridge excitation is performed by a
programmable current source capable of delivering up
to 2mA. The reference current at ISRC is established by
resistor RISRC and by the voltage at node ISRC (con-
trolled by the FSO DAC). The reference current flowing
through this pin is multiplied by a current mirror (AA
14) and then made available at BDRIVE for sensor exci-
tation. Modulation of this current with respect to tem-
perature can be used to correct FSOTC errors, while
modulation with respect to the output voltage (VOUT)
can be used to correct FSO linearity errors.
Digital-to-Analog Converters
The four 12-bit, sigma-delta DACs typically settle in
less than 100ms. The four DACs have a corresponding
memory register in EEPROM for storage of correction
coefficients.
Use the FSO DAC for fine FSO adjustments. The FSO
DAC takes its reference from VDD and controls VISRC
which, in conjunction with RISRC, sets the baseline sen-
sor excitation current. The Offset DAC also takes its ref-
erence from VDD and provides a 1.22mV resolution with
1%-Accurate, Digitally Trimmed
Sensor Signal Conditioner
6
_______________________________________________________________________________________
+7
1
1
1
IRO DAC
1
OFFSET
CORREC-
TION
% of VDD
(%)
+1.25
OFFSET
CORREC-
TION AT
VDD = 5V
(mV)
+63
SIGN
C1
C2
C0
VALUE
+6
1
1
1
0
+1.08
+54
+5
1
1
0
1
+0.90
+45
+4
1
1
0
0
+0.72
+36
+3
1
0
1
1
+0.54
+27
+2
1
0
1
0
+0.36
+18
+1
1
0
0
1
+0.18
+9
+0
1
0
0
0
0
0
-0
0
0
0
0
-1
0
0
0
1
-0.18
-9
-2
0
0
1
0
-0.36
-18
-3
0
0
1
1
-0.54
-27
-4
0
1
0
0
-0.72
-36
-5
0
1
0
1
-0.90
-45
-6
0
1
1
0
-1.08
-54
-7
0
1
1
1
-1.25
-63
A1
0
0
0
A2
A0
PGA
VALUE
0
PGA
GAIN
(V/V)
41
OUTPUT-
REFERRED IRO
DAC STEP SIZE
(VDD = 5V) (V)
0.369
1
0
0
1
68
0.612
2
0
1
0
95
0.855
3
0
1
1
122
1.098
4
1
0
0
149
1.341
5
1
0
1
176
1.584
6
1
1
0
203
1.827
7
1
1
1
230
2.070
Table 2. PGA Gain Settings and IRO DAC
Step Size
0
0


Similar Part No. - MAX1458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14585 MAXIM-MAX14585 Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVB MAXIM-MAX14585AEVB Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585AEVBT MAXIM-MAX14585AEVBT Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVB MAXIM-MAX14585EVB Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
MAX14585EVBT MAXIM-MAX14585EVBT Datasheet
1Mb / 12P
   Hi-Speed USB and Audio Switches with Negative Signal Capability and High-Voltage-Tolerable
Rev 0; 5/11
More results

Similar Description - MAX1458

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1478 MAXIM-MAX1478 Datasheet
210Kb / 20P
   1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner
Rev 0; 9/99
logo
List of Unclassifed Man...
MC01 ETC2-MC01 Datasheet
113Kb / 3P
   Digitally Trimmed Sensor Signal Conditioner
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
   0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
logo
Renesas Technology Corp
ZSSC5101 RENESAS-ZSSC5101 Datasheet
804Kb / 29P
   xMR Sensor Signal Conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com