Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM847BV Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BCM847BV
Description  NPN/NPN matched double transistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCM847BV Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BCM847BV_15 Datasheet HTML 5Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 6Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 7Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 8Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 9Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 10Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 11Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 12Page - NXP Semiconductors BCM847BV_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
BCM847BV_BS_DS_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 28 August 2009
9 of 15
NXP Semiconductors
BCM847BV/BS/DS
NPN/NPN matched double transistors
10. Packing information
[1]
For further information and the availability of packing methods, see Section 14.
[2]
T1: normal taping
[3]
T2: reverse taping
Table 9.
Packing methods
The indicated -xxx are the last three digits of the 12NC ordering code.[1]
Type number
Package
Description
Packing quantity
3000
4000 8000 10000
BCM847BV
SOT666
2 mm pitch, 8 mm tape and reel
-
-
-315
-
4 mm pitch, 8 mm tape and reel
-
-115
-
-
BCM847BS
SOT363
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165
BCM847DS
SOT457
4 mm pitch, 8 mm tape and reel; T1
[2] -115
-
-
-135
4 mm pitch, 8 mm tape and reel; T2
[3] -125
-
-
-165


Similar Part No. - BCM847BV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
logo
Nexperia B.V. All right...
BCM847BV NEXPERIA-BCM847BV Datasheet
226Kb / 9P
   NPN/NPN matched double transistor
27 December 2022
BCM847BV NEXPERIA-BCM847BV Datasheet
2Mb / 15P
   PNP/PNP matched double transistors
Rev. 06 - 28 August 2009
More results

Similar Description - BCM847BV_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMP4201V NXP-PMP4201V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
PMP4501G NEXPERIA-PMP4501G Datasheet
122Kb / 14P
   NPN/NPN matched double transistors
Rev. 04 - 28 August 2009
logo
NXP Semiconductors
BCM847BV NXP-BCM847BV Datasheet
127Kb / 15P
   NPN/NPN matched double transistors
Rev. 06-28 August 2009
BCM847BV PHILIPS-BCM847BV Datasheet
115Kb / 15P
   NPN/NPN matched double transistors
Rev. 05-27 June 2006
PMP4501V NXP-PMP4501V Datasheet
123Kb / 14P
   NPN/NPN matched double transistors
Rev. 04-28 August 2009
logo
Nexperia B.V. All right...
BCM846BS NEXPERIA-BCM846BS Datasheet
687Kb / 12P
   NPN/NPN matched double transistor
BCM847DS NEXPERIA-BCM847DS Datasheet
241Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
BCM61B NEXPERIA-BCM61B Datasheet
2Mb / 13P
   NPN/NPN matched double transistor
Rev. 02 - 28 August 2009
BCM847BS NEXPERIA-BCM847BS Datasheet
242Kb / 10P
   NPN/NPN matched double transistor
27 December 2022
logo
NXP Semiconductors
BCM61B PHILIPS-BCM61B_15 Datasheet
144Kb / 13P
   NPN/NPN matched double transistor
Rev. 02-28 August 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com