Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP51 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BCP51
Description  45 V, 1 A PNP medium power transistors
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP51 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BCP51_15 Datasheet HTML 4Page - NXP Semiconductors BCP51_15 Datasheet HTML 5Page - NXP Semiconductors BCP51_15 Datasheet HTML 6Page - NXP Semiconductors BCP51_15 Datasheet HTML 7Page - NXP Semiconductors BCP51_15 Datasheet HTML 8Page - NXP Semiconductors BCP51_15 Datasheet HTML 9Page - NXP Semiconductors BCP51_15 Datasheet HTML 10Page - NXP Semiconductors BCP51_15 Datasheet HTML 11Page - NXP Semiconductors BCP51_15 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
BCP51_BCX51_BC51PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 9 — 13 October 2011
8 of 22
NXP Semiconductors
BCP51; BCX51; BC51PA
45 V, 1 A PNP medium power transistors
FR4 PCB, mounting pad for collector 6 cm2
Fig 6.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT223;
typical values
FR4 PCB, standard footprint
Fig 7.
Transient thermal impedance from junction to ambient as a function of pulse duration for SOT89;
typical values
006aac679
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75
006aac680
10
1
102
103
Zth(j-a)
(K/W)
10–1
10–5
10
10–2
10–4
102
10–1
tp (s)
10–3
103
1
0
duty cycle = 1
0.01
0.02
0.05
0.1
0.2
0.33
0.5
0.75


Similar Part No. - BCP51_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BCP51 KEXIN-BCP51_15 Datasheet
673Kb / 2P
   PNP Transistors
logo
SeCoS Halbleitertechnol...
BCP51 SECOS-BCP51_15 Datasheet
269Kb / 2P
   PNP Silicon Medium Power Transistor
More results

Similar Description - BCP51_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC636 NXP-BC636 Datasheet
144Kb / 15P
   45 V, 1 A PNP medium power transistors
Rev. 08-22 February 2008
logo
Nexperia B.V. All right...
BC51XPAS_SER NEXPERIA-BC51XPAS_SER Datasheet
261Kb / 11P
   45 V, 1 A PNP medium power transistors
6 December 2022
logo
NXP Semiconductors
BC51PA NXP-BC51PA Datasheet
242Kb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9-13 October 2011
logo
Nexperia B.V. All right...
BCP51 NEXPERIA-BCP51 Datasheet
1Mb / 22P
   45 V, 1 A PNP medium power transistors
Rev. 9 - 13 October 2011
BCP51T_SER NEXPERIA-BCP51T_SER Datasheet
273Kb / 14P
   45 V, 1 A PNP medium power transistors
Rev. 1 - 29 April 2019
BC51PAS NEXPERIA-BC51PAS Datasheet
903Kb / 15P
   45 V/60 V/80 V, 1 A PNP medium power transistors
logo
NXP Semiconductors
BC635 NXP-BC635 Datasheet
152Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07 - 4 June 2007
BC635 NXP-BC635_13 Datasheet
160Kb / 15P
   45 V, 1 A NPN medium power transistors
Rev. 07-4 June 2007
BCP54 PHILIPS-BCP54_15 Datasheet
1Mb / 22P
   45 V, 1 A NPN medium power transistors
Rev. 8-21 October 2011
logo
Nexperia B.V. All right...
BCP54-Q_SER NEXPERIA-BCP54-Q_SER Datasheet
239Kb / 12P
   45 V, 1 A NPN medium power transistors
Rev. 1 - 2 May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com