Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1459CAP Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1459CAP
Description  2-Wire, 4-20mA Smart Signal Conditioner
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1459CAP Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1459CAP Datasheet HTML 1Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 2Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 3Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 4Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 5Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 6Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 7Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 8Page - Maxim Integrated Products MAX1459CAP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
For free samples and the latest literature, visit www.maxim-ic.com or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX1459 highly integrated analog-sensor signal
conditioner is optimized for piezoresistive sensor calibra-
tion and compensation with minimal external compo-
nents. It includes a programmable current source for
sensor excitation, a 3-bit programmable-gain amplifier
(PGA), a 128-bit internal EEPROM, and four 12-bit DACs.
Achieving a total error factor within 1% of the sensor’s
repeatability errors, the MAX1459 compensates offset,
offset temperature coefficient (offset TC), full-span output
(FSO), FSO temperature coefficient (FSOTC), and FSO
nonlinearity of silicon piezoresistive sensors.
The MAX1459 calibrates and compensates first-order
temperature errors by adjusting the offset and span of
the input signal through digital-to-analog converters
(DACs), thereby eliminating quantization noise.
The MAX1459 allows temperature compensation via the
external sensor, an internal temperature-dependent
resistor, or a dedicated external temperature transduc-
er. Accuracies better than 0.5% can be achieved with
low-cost external temperature sensors (i.e., silicon tran-
sistor), depending on sensor choice.
Built-in testability features on the MAX1459 result in the
integration of three traditional sensor-manufacturing
operations into one automated process:
• Pretest: Data acquisition of sensor performance
under the control of a host test computer.
• Calibration and compensation: Computation and
storage (in an internal EEPROM) of calibration and
compensation coefficients computed by the test
computer and downloaded to the MAX1459.
• Final test operation: Verification of transducer cali-
bration and compensation without removal from the
pretest socket.
Although optimized for use with piezoresistive sensors,
the MAX1459 may also be used with other resistive
sensors (i.e., accelerometers and strain gauges) with
some additional external components.
________________________Applications
4–20mA Transmitters
Piezoresistive Pressure and Acceleration
Industrial Pressure Sensors
Load Cells/Wheatstone Bridges
Strain Gauges
Temperature Sensors
Features
o Highly Integrated Sensor Signal Conditioner for
2-Wire, 4–20mA Transmitters
o Sensor Errors Trimmed Using Correction
Coefficients Stored in Internal EEPROM—
Eliminates the Need for Laser Trimming and
Potentiometers
o Compensates Offset, Offset TC, FSO, FSOTC,
FSO Linearity
o Programmable Current Source (0.1mA to 2.0mA)
for Sensor Excitation
o Fast Signal-Path Settling Time (≈1ms)
o Accepts Sensor Outputs from +1mV/V to +40mV/V
o Fully Analog Signal Path
o Internal or External Temperature Reference
Compensation
o Automated Pilot Production (Calibration/
Compensation) System Available
o Write Protection for EEPROM Data Security
Pin Configuration
Ordering Information
2-Wire, 4–20mA
Smart Signal Conditioner
________________________________________________________________ Maxim Integrated Products
1
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
SCLK
VDD
NBIAS
CK50
TEMP2
TEMP1
INM
INP
BDRIVE
TOP VIEW
MAX1459
SSOP
CS
DIO
AMP+
WE
FSOTC
AMP-
AMPOUT
12
11
9
10
VSS
OUT
TEMPIN
ISRC
19-1619; Rev 0; 1/00
*Dice are tested at TA = +25°C, DC parameters only.
Functional Diagram appears at end of data sheet.
EVALUATION
KIT
AVAILABLE
20 SSOP
Dice*
20 SSOP
PIN-PACKAGE
TEMP. RANGE
0°C to +70°C
0°C to +70°C
-40°C to +125°C
MAX1459AAP
MAX1459C/D
MAX1459CAP
PART
For custom versions of the MAX1459, see the Customization
section at end of data sheet.


Similar Part No. - MAX1459CAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14590 MAXIM-MAX14590 Datasheet
1Mb / 9P
   High-Current Overvoltage Protectors with Adjustable OVLO
Rev 0; 3/11
MAX14591 MAXIM-MAX14591 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591ETA+T MAXIM-MAX14591ETA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591EWA+T MAXIM-MAX14591EWA+T Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
19-6173; Rev 1; 12/14
MAX14591 MAXIM-MAX14591_14 Datasheet
950Kb / 13P
   High-Speed, Open-Drain Capable Logic-Level Translator
Rev 1; 12/14
More results

Similar Description - MAX1459CAP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NV6A ETC1-NV6A Datasheet
185Kb / 2P
   Filtering signal conditioner for sensor signal matching to a 4-20mA, 2-wire interface
logo
Texas Instruments
XTR108 TI-XTR108_15 Datasheet
868Kb / 33P
[Old version datasheet]   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
logo
Burr-Brown (TI)
XTR108 BURR-BROWN-XTR108 Datasheet
497Kb / 27P
   4-20mA, TWO-WIRE TRANSMITTER Smart Programmable with Signal Conditioning
XTR108 BURR-BROWN-XTR108_12 Datasheet
901Kb / 32P
   4-20mA, TWO-WIRE TRANSMITTER ?쏶mart??Programmable with Signal Conditioning
logo
List of Unclassifed Man...
MTL5041 ETC1-MTL5041 Datasheet
51Kb / 1P
   REPEATER POWER SUPPLY / 4/20mA, for 2-wire transmitters
logo
Vitesse Semiconductor C...
VSC7104 VITESSE-VSC7104 Datasheet
461Kb / 2P
   Quad Signal Conditioner, Octal Signal Conditioner
logo
Festo Corporation.
544216 FESTO-544216 Datasheet
85Kb / 1P
   Signal conditioner
544218 FESTO-544218 Datasheet
87Kb / 1P
   Signal conditioner
544221 FESTO-544221 Datasheet
88Kb / 1P
   Signal conditioner
544219 FESTO-544219 Datasheet
85Kb / 1P
   Signal conditioner
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com