Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1460CCM Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1460CCM
Description  Low-Power, 16-Bit Smart ADC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1460CCM Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1460CCM Datasheet HTML 1Page - Maxim Integrated Products MAX1460CCM Datasheet HTML 2Page - Maxim Integrated Products MAX1460CCM Datasheet HTML 3Page - Maxim Integrated Products MAX1460CCM Datasheet HTML 4Page - Maxim Integrated Products MAX1460CCM Datasheet HTML 5Page - Maxim Integrated Products MAX1460CCM Datasheet HTML 6Page - Maxim Integrated Products MAX1460CCM Datasheet HTML 7Page - Maxim Integrated Products MAX1460CCM Datasheet HTML 8Page - Maxim Integrated Products MAX1460CCM Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Low-Power, 16-Bit Smart ADC
_______________________________________________________________________________________
3
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
DAC Resolution
12
bits
Integral Nonlinearity
INL
1
LSB
Differential Nonlinearity
DNL
0.5
LSB
Op Amp Supply Current
100
µA
Input Common-Mode Range
CMR
VSS + 1.3
VDD - 1.0
V
Open-Loop Gain
AV
60
dB
Offset Voltage (as unity-gain
follower)
VOS
VIN = 2.5V (no load)
-30
+30
mV
Output Voltage Swing
No load
VSS + 0.05
VDD - 0.05
V
Output Current Range
VOUT = (VSS + 0.2V) to (VDD - 0.2V)
±500
µA
Note 1: EEPROM programming requires a minimum VDD = 4.75V. IDD may exceed its limits during this time.
Note 2: This value does not include the sensor or load current. This value does include the uncommitted op amp current. Note that
the MAX1460 will convert continuously if REPEAT MODE is set in the EEPROM.
Note 3: See the Analog Front-End, including PGA, Coarse Offset DAC, ADC, and Temperature Sensor sections.
Note 4: The signal input to the ADC is the output of the PGA plus the output of the CO-DAC. The reference to the ADC is VDD. The
plus full-scale input to the ADC is +VDD and the minus full-scale input to the ADC is -VDD. This specification shows the con-
tribution of the CO-DAC to the ADC input.
Note 5: See Figure 2 for ADC outputs between +0.8500 to -0.8500.
Note 6: The sensor and the MAX1460 must always be at the same temperature during calibration and use.
Note 7: The Output DAC is specified using the external lowpass filter (Figure 8).
Note 8: SDIO is an input/output digital pin. It is only enabled as a digital output pin when the MAX1460 receives from the test sys-
tem the commands 8 hex or A hex (Table 4).
Note 9: XIN is a digital input pin only when the TEST pin is high.
Note 10: Guaranteed by design. Not subject to production testing.
ELECTRICAL CHARACTERISTICS (continued)
(VDD = +5V, VSS = 0, fXIN = 2MHz, TA = TMIN to TMAX, unless otherwise noted.)
Input High Voltage
VIH
4.0
V
Input Low Voltage
VIL
1.0
V
Input Hysteresis
VHYST
1.0
V
Input Leakage
IIN
VIN = 0 or VDD
±10
µA
Input Capacitance
CIN
(Note 10)
50.0
pF
Output Voltage Low
VOL
ISINK = 500µA
0.5
V
Output Voltage High
VOH
ISOURCE = 500µA
4.5
V
Three-State Leakage Current
IL
CS = 0
±10
µA
Three-State Output Capacitance
COUT
CS = 0 (Note 10)
50.0
pF
Output Voltage Low
VOL
ISINK = 500µA
0.3
V
Output Voltage High
VOH
ISOURCE = 500µA
4.7
V
Three-State Leakage Current
IL
CS = 0
±10
µA
Three-State Output Capacitance
COUT
CS = 0 (Note 10)
50.0
pF
OUTPUT DAC (Note 7)
UNCOMMITTED OP AMP
DIGITAL INPUTS: START, CS1, CS2, SDIO (Note 8), RESET, XIN (Note 9), TEST
DIGITAL OUTPUTS: D[11...0]
DIGITAL OUTPUTS: SDIO (Note 8), SDO, EOC, OUT


Similar Part No. - MAX1460CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
MAX14600 MAXIM-MAX14600 Datasheet
1Mb / 16P
   USB Host Charger Identification/ Adapter Emulators
2016
MAX14600ET MAXIM-MAX14600ET Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
MAX14600ETA+T MAXIM-MAX14600ETA+T Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
More results

Similar Description - MAX1460CCM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1462 MAXIM-MAX1462 Datasheet
242Kb / 16P
   Low-Voltage, Low-Power, 16-Bit Smart ADC
Rev 0; 10/00
logo
Linear Technology
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
AD7790BRMZ AD-AD7790BRMZ Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
AD7790 AD-AD7790_15 Datasheet
415Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com