Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1462 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1462
Description  Low-Voltage, Low-Power, 16-Bit Smart ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1462 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1462 Datasheet HTML 5Page - Maxim Integrated Products MAX1462 Datasheet HTML 6Page - Maxim Integrated Products MAX1462 Datasheet HTML 7Page - Maxim Integrated Products MAX1462 Datasheet HTML 8Page - Maxim Integrated Products MAX1462 Datasheet HTML 9Page - Maxim Integrated Products MAX1462 Datasheet HTML 10Page - Maxim Integrated Products MAX1462 Datasheet HTML 11Page - Maxim Integrated Products MAX1462 Datasheet HTML 12Page - Maxim Integrated Products MAX1462 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
hex). Fractional coefficient values range from -1.0
(8000 hex) to +0.99997 (7FFF hex).
The register at address 0 is called the Configuration
Register. It holds the CO, PGA gain, Op Amp Power-
Down, temperature-sensor offset, repeat mode, and
reserved bits, as shown in Table 6. The functionality of
the CO, PGA gain, and temperature-sensor bits is
described in the Analog Front End, Including PGA, CO-
DAC, ADC, and Temperature Sensor section.
The Op Amp Power-Down bit enables the uncommitted
op amp when set. The repeat-mode bit is tested by the
last instruction of the DSP microcode, and, if set, imme-
diately initiates another conversion cycle. The Maxim
reserved bits should not be altered.
Writing to the Internal EEPROM
The test system writes to the EEPROM with commands
4 hex (Block-Erase the entire EEPROM), 2 hex (Write 1
to a single EEPROM bit), and 0 hex (NOOP). The mini-
mum VDD required for all EEPROM write operations is
4.75V. During normal operation (when the TEST pin is
low) or when the test system issues instructions A hex
or E hex (Start Conversion from EEPROM values), the
DSP reads the Calibration Coefficients from the EEPROM.
In the normal production flow, determine the calibration
coefficients using direct register access. Then load the
calibration coefficients into the EEPROM with tester
instruction 2 hex. Instruction 4 hex block-erases the
EEPROM and is necessary only for a rework or reclaim
operation. For each part, the Maxim reserved bits in the
Configuration Register should be read before instruc-
tion 4 hex is issued, and restored afterwards. The
MAX1462 is shipped with its internal EEPROM uninitial-
ized, except for the reserved bits.
Low-Voltage, Low-Power,
16-Bit Smart ADC
_______________________________________________________________________________________
9
MIN
16 CLK
CYCLES
COMMAND 1
REGISTER DATA FIELD
EEPROM ADDRESS
FIELD
REG.
ADD
COMMAND 2
COMMAND 3
COMMAND n
COMMAND
00 01 02 03 29 30 31
00 01 02 03
29 30 31
00 01 02 03 29 30 31
00 01 02 03 29 30 31
D0 D1 D2 D3 C3 NU NU D0 D1 D2 D3 C3 NU NU D0 D1 D2 D3 C3 NU NU D0 D1 D2 D3 C3 NU NU
D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D10 D11 D12 D13 D14 D15 E0 E1
E2 E3 E4 E5 E6 R0 R1 R2 C0 C1 C2 C3 NU NU
MSB LSB
LSB
MSB LSB
MSB LSB
MSB
NOTE: ALL TRANSITIONS MUST OCCUR WITHIN 100ns OF THE XIN CLOCK EDGE.
XIN
TEST
RESET
SDIO
Figure 3. Test-System Command Timing Diagram
Table 3. TSO Settings
0
0
0
0
1
0
0
1
2
0
1
0
3
0
1
1
4
1
0
0
Maximum
Minimum
5
1
0
1
6
1
1
0
7
1
1
1
TSO
SETTING
TEMPERATURE
BRIDGE
OFFSET
TSO-2
TSO-1
TSO-0


Similar Part No. - MAX1462

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14626 MAXIM-MAX14626 Datasheet
1Mb / 8P
   High-Voltage Reverse-Input-Capable 4??0mA Current Loop Protector
Rev 0; 3/12
MAX14626ETT+T MAXIM-MAX14626ETT+T Datasheet
1Mb / 8P
   High-Voltage Reverse-Input-Capable 4??0mA Current Loop Protector
Rev 0; 3/12
MAX14626EVKIT MAXIM-MAX14626EVKIT Datasheet
377Kb / 6P
   Evaluates Current-Limit Protection
Rev 0; 9/13
MAX14627 MAXIM-MAX14627 Datasheet
2Mb / 16P
   Low-Power Headset Detectors with SEND/END Button Support
Rev 0; 5/12
MAX14627ETA+T MAXIM-MAX14627ETA+T Datasheet
2Mb / 16P
   Low-Power Headset Detectors with SEND/END Button Support
Rev 0; 5/12
More results

Similar Description - MAX1462

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1460 MAXIM-MAX1460 Datasheet
204Kb / 20P
   Low-Power, 16-Bit Smart ADC
Rev 0; 10/99
logo
Linear Technology
LTC2159 LINER-LTC2159_15 Datasheet
525Kb / 32P
   16-Bit, 20Msps Low Power ADC
LTC2159 LINER-LTC2159 Datasheet
520Kb / 32P
   16-Bit, 20Msps Low Power ADC
logo
Analog Devices
AD7719 AD-AD7719 Datasheet
367Kb / 40P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
REV. 0
AD7719 AD-AD7719_17 Datasheet
530Kb / 41P
   Low Voltage, Low Power, Factory-Calibrated 16-/24-Bit Dual ADC
logo
Linear Technology
LTC2188 LINER-LTC2188 Datasheet
608Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
LTC2188 LINER-LTC2188_15 Datasheet
612Kb / 36P
   16-Bit, 20Msps Low Power Dual ADC
logo
Analog Devices
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7790 AD-AD7790 Datasheet
299Kb / 20P
   Low Power, 16-Bit Buffered Sigma-Delta ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com