Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX146BCAP Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX146BCAP
Description  2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX146BCAP Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX146BCAP Datasheet HTML 3Page - Maxim Integrated Products MAX146BCAP Datasheet HTML 4Page - Maxim Integrated Products MAX146BCAP Datasheet HTML 5Page - Maxim Integrated Products MAX146BCAP Datasheet HTML 6Page - Maxim Integrated Products MAX146BCAP Datasheet HTML 7Page - Maxim Integrated Products MAX146BCAP Datasheet HTML 8Page - Maxim Integrated Products MAX146BCAP Datasheet HTML 9Page - Maxim Integrated Products MAX146BCAP Datasheet HTML 10Page - Maxim Integrated Products MAX146BCAP Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
+2.7V, Low-Power, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
7
____________________________Typical Operating Characteristics (continued)
(VDD = 3.0V, VREF = 2.500V, fSCLK = 2.0MHz, CLOAD = 20pF, TA = +25°C, unless otherwise noted.)
0.50
0
2.25
2.75
4.25
OFFSET vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
3.75
3.25
4.75
5.25
0.50
0
2.25
2.75
3.75
GAIN ERROR
vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
3.25
4.25
5.25
4.75
0.50
0
2.25
2.75
3.75
CHANNEL-TO-CHANNEL GAIN MATCHING
vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
3.25
4.25
5.25
4.75
0.50
0
-55
-30
45
OFFSET vs. TEMPERATURE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TEMPERATURE (˚C)
20
-5
70
145
120
95
0.50
0
2.25
2.75
4.25
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. SUPPLY VOLTAGE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
VDD (V)
3.75
3.25
5.25
4.75
0.50
0
-55
-30
20
GAIN ERROR
vs. TEMPERATURE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TEMPERATURE (˚C)
-5
45
120 145
95
70
0.50
0
-55
-30
20
CHANNEL-TO-CHANNEL GAIN MATCHING
vs. TEMPERATURE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TEMPERATURE (˚C)
-5
45
145
120
95
70
0.50
0
-55
-30
45
CHANNEL-TO-CHANNEL OFFSET MATCHING
vs. TEMPERATURE
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.10
0.05
TEMPERATURE (˚C)
20
-5
70
145
120
95


Similar Part No. - MAX146BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1460 MAXIM-MAX1460 Datasheet
204Kb / 20P
   Low-Power, 16-Bit Smart ADC
Rev 0; 10/99
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
MAX14600 MAXIM-MAX14600 Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators
Rev 3; 5/12
MAX14600 MAXIM-MAX14600 Datasheet
1Mb / 16P
   USB Host Charger Identification/ Adapter Emulators
2016
MAX14600ET MAXIM-MAX14600ET Datasheet
2Mb / 16P
   USB Host Charger Identification/Adapter Emulators Greater User Flexibility
Rev 0; 6/11
More results

Similar Description - MAX146BCAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com