Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1472 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX1472
Description  300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1472 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX1472 Datasheet HTML 1Page - Maxim Integrated Products MAX1472 Datasheet HTML 2Page - Maxim Integrated Products MAX1472 Datasheet HTML 3Page - Maxim Integrated Products MAX1472 Datasheet HTML 4Page - Maxim Integrated Products MAX1472 Datasheet HTML 5Page - Maxim Integrated Products MAX1472 Datasheet HTML 6Page - Maxim Integrated Products MAX1472 Datasheet HTML 7Page - Maxim Integrated Products MAX1472 Datasheet HTML 8Page - Maxim Integrated Products MAX1472 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
300MHz-to-450MHz Low-Power, Crystal-Based
ASK Transmitter
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..........................................................-0.3V to +4.0V
All Other Pins to GND ................................-0.3V to (VDD + 0.3V)
Continuous Power Dissipation (TA = +70°C)
8-Pin SOT23 (derate 8.9mW/°C above +70°C)............714mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-60°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(Typical Application Circuit, output power is referenced to 50
Ω, VDD = 2.1V to 3.6V, VENABLE = VDD, TA = -40°C to +125°C, unless
otherwise noted. Typical values are at VDD = 2.7V, TA = +25
°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Supply Voltage
VDD
2.1
3.6
V
VENABLE = VDD
(Note 2)
5.3
9.2
VENABLE = VDD,
VDATA = VDD
9.1
16.4
fRF = 315MHz
VENABLE = VDD,
VDATA = 0V
1.5
2.1
VENABLE = VDD
(Note 2)
5.7
VENABLE = VDD,
VDATA = VDD
9.6
Supply Current
IDD
fRF = 433MHz
VENABLE = VDD,
VDATA = 0V
1.7
2.5
mA
VENABLE < VIL, TA < +85
°C (Note 3)
5
350
nA
Standby Current
ISTDBY
VENABLE < VIL TA < +125
°C (Note 3)
1.7
µA
Frequency Range
fRF
(Note 1)
300
450
MHz
Data Rate
(Note 3)
0
100
kbps
Modulation Depth
ON to OFF POUT ratio (Note 4)
90
dB
TA = +25
°C, VDD = 2.7V (Notes 8, 9)
7.3
10.3
12.8
TA = +125
°C, VDD = 2.1V (Notes 8, 9)
3.3
6.0
Output Power
POUT
TA = -40
°C, VDD = 3.6V (Notes 8, 9)
13.7
16.2
dBm
To fOFFSET < 50kHz (Note 5)
220
Turn-On Time
tON
To fOFFSET < 5kHz (Note 5)
450
µs
fRF = 315MHz (Note 6)
43.6
Transmit Efficiency with CW
fRF = 433MHz (Note 6)
41.3
%
fRF = 315MHz (Note 7)
37.6
Transmit Efficiency at 50%
Duty Cycle
fRF = 433MHz (Note 7)
35.1
%


Similar Part No. - MAX1472

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472 Datasheet
454Kb / 5P
   Evaluation Kit
Rev 1; 11/03
MAX1472 MAXIM-MAX1472 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1472 MAXIM-MAX1472 Datasheet
178Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472 Datasheet
458Kb / 5P
   Multiple Test Points Provided On-Board
Rev 1; 11/03
More results

Similar Description - MAX1472

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1472 MAXIM-MAX1472_10 Datasheet
178Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 3; 10/10
MAX1472 MAXIM-MAX1472_09 Datasheet
223Kb / 9P
   300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 2; 6/09
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
   300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX7044 MAXIM-MAX7044_11 Datasheet
151Kb / 10P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 4; 2/11
MAX7044 MAXIM-MAX7044 Datasheet
301Kb / 9P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 0; 1/04
MAX7044 MAXIM-MAX7044_09 Datasheet
258Kb / 10P
   300MHz to 450MHz High-Efficiency, Crystal-Based 13dBm ASK Transmitter
Rev 3; 6/09
MAX7057 MAXIM-MAX7057_11 Datasheet
251Kb / 20P
   300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 1; 4/11
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com