Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1478AAE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX1478AAE
Description  1% Accurate, Digitally Trimmed,Rail-to-Rail Sensor Signal Conditioner
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1478AAE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX1478AAE Datasheet HTML 3Page - Maxim Integrated Products MAX1478AAE Datasheet HTML 4Page - Maxim Integrated Products MAX1478AAE Datasheet HTML 5Page - Maxim Integrated Products MAX1478AAE Datasheet HTML 6Page - Maxim Integrated Products MAX1478AAE Datasheet HTML 7Page - Maxim Integrated Products MAX1478AAE Datasheet HTML 8Page - Maxim Integrated Products MAX1478AAE Datasheet HTML 9Page - Maxim Integrated Products MAX1478AAE Datasheet HTML 10Page - Maxim Integrated Products MAX1478AAE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
a VDD of 5V. The output of the Offset DAC is fed into
the output summing junction where it is gained by
approximately 2.3, which increases the resulting out-
put-referred offset correction resolution to 2.8mV.
Both the Offset TC and FSOTC DACs take their refer-
ence from BDRIVE, a temperature-dependent voltage.
A nominal VBDRIVE of 2.5V results in a step size of
0.6mV. The Offset TC DAC output is fed into the output
summing junction where it is multiplied by approximate-
ly 2.3, thereby increasing the Offset TC correction
range. The buffered FSOTC DAC output is available at
FSOTC and is connected to ISRC through RFTC to cor-
rect FSO TC errors.
Internal Resistors
The MAX1478 contains three internal resistors (RISRC,
RFTC, and RTEMP) optimized for common silicon PRTs.
RISRC (in conjunction with the FSO DAC) programs the
nominal sensor excitation current. RFTC (in conjunction
with the FSOTC DAC) compensates the FSO TC errors.
Both RISRC and RFTC have a nominal value of 75k
Ω. If
external resistors are used, RISRC and RFTC can be dis-
abled by resetting the appropriate bit (address 07h
reset to zero) in the configuration register (Table 3).
RTEMP is a high-tempco resistor with a TC of
+4600ppm/°C and a nominal resistance of 100k
Ω at
+25°C. This resistor can be used with certain sensor
types that require an external temperature sensor.
Internal EEPROM
The MAX1478 has a 128-bit internal EEPROM arranged
as eight 16-bit words. The four uppermost bits for each
register are reserved. The internal EEPROM is used to
store the following (also shown in the memory map in
Table 4):
1% Accurate, Digitally Trimmed,
Rail-to-Rail Sensor Signal Conditioner
_______________________________________________________________________________________
7
Figure 3. Bridge Excitation Circuit
VDD
AA
≈ 14IISRC = IBDRIVE
I = IISRC
ISRC
FSOTC
RISRC
BDRIVE
VDD
RFTC
EXTERNAL
SENSOR
FSO
DAC
FSOTC
DAC
Table 3. Configuration Register
Input-Referred Offset
0Ah
Input-Referred Offset (LSB)
Input-Referred Offset (IRO) Sign Bit
0Bh
08h
Input-Referred Offset (MSB)
09h
Reserved “0”
06h
Internal Resistor (RFTC and RISRC)
Selection
PGA Gain (LSB), A0
07h
04h
Reserved “0”
05h
PGA Gain (MSB), A2
EEPROM
ADDRESS (hex)
02h
DESCRIPTION
PGA Gain, A1
Offset TC Sign Bit, SOTC (+ = 1)
03h
00h
Offset Sign Bit, SOFF (+ = 1)
01h


Similar Part No. - MAX1478AAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 0; 12/10
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX14780E MAXIM-MAX14780E Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 2; 10/11
MAX14780EEPA MAXIM-MAX14780EEPA Datasheet
2Mb / 14P
   5.0V, 30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 1; 7/11
MAX14780EEPA++ MAXIM-MAX14780EEPA+ Datasheet
1Mb / 14P
   5.0V, ±30kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceiver
Rev 3; 1/15
More results

Similar Description - MAX1478AAE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1458 MAXIM-MAX1458 Datasheet
145Kb / 20P
   1%-Accurate, Digitally Trimmed Sensor Signal Conditioner
Rev 0; 5/98
logo
List of Unclassifed Man...
MC01 ETC2-MC01 Datasheet
113Kb / 3P
   Digitally Trimmed Sensor Signal Conditioner
logo
SHANGHAI BELLING CO., L...
BL1551 BELLING-BL1551 Datasheet
135Kb / 10P
   Rail-to-Rail Signal Range
logo
Maxim Integrated Produc...
MAX1457 MAXIM-MAX1457 Datasheet
93Kb / 12P
   0.1%-Accurate Signal Conditioner for Piezoresistive Sensor Compensation
Rev 1; 8/98
MAX1450 MAXIM-MAX1450 Datasheet
98Kb / 12P
   Low-Cost, 1%-Accurate Signal Conditioner for Piezoresistive Sensors
Rev 0; 5/98
logo
Zentrum Mikroelektronik...
ZMD31014 ZMD-ZMD31014 Datasheet
1Mb / 39P
   Sensor Signal Conditioner
logo
Texas Instruments
PGA970 TI1-PGA970 Datasheet
134Kb / 5P
[Old version datasheet]   Sensor Signal Conditioner
logo
Zentrum Mikroelektronik...
ZMD31020 ZMD-ZMD31020 Datasheet
997Kb / 19P
   Sensor Signal Conditioner
logo
IC-Haus GmbH
IC-TW3 ICHAUS-IC-TW3_17 Datasheet
718Kb / 26P
   SENSOR SIGNAL CONDITIONER
logo
Texas Instruments
PGA450-Q1 TI1-PGA450-Q1 Datasheet
1Mb / 58P
[Old version datasheet]   ULTRASONIC-SENSOR SIGNAL CONDITIONER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com