Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1481 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1481
Description  Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in uMAX Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1481 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1481 Datasheet HTML 7Page - Maxim Integrated Products MAX1481 Datasheet HTML 8Page - Maxim Integrated Products MAX1481 Datasheet HTML 9Page - Maxim Integrated Products MAX1481 Datasheet HTML 10Page - Maxim Integrated Products MAX1481 Datasheet HTML 11Page - Maxim Integrated Products MAX1481 Datasheet HTML 12Page - Maxim Integrated Products MAX1481 Datasheet HTML 13Page - Maxim Integrated Products MAX1481 Datasheet HTML 14Page - Maxim Integrated Products MAX1481 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited,
12Mbps, RS-485/RS-422 Transceivers in µMAX Package
______________________________________________________________________________________
11
R
R
Y
Z
VOD
VOC
Figure 5. Driver DC Test Load
RECEIVER
OUTPUT
TEST POINT
1k
1k
S1
S2
VCC
CL
Figure 6. Receiver Enable/Disable Timing Test Load
DI
DE
3V
Y
Z
CL1
CL2
RDIFF
VID
Figure 7. Driver Timing Test Circuit
OUTPUT
UNDER TEST
500
S1
S2
VCC
CL
Figure 8. Driver Enable/Disable Timing Test Load
DI
3V
0V
Z
Y
VO
0V
-VO
VO
1.5V
tDPLH
1/2 VO
10%
tR
90%
90%
tDPHL
1.5V
1/2 VO
10%
tF
VDIFF = VY - VZ
VDIFF
tSKEW = | tPLH - tPHL |
Figure 9. Driver Propagation Delays
OUTPUT NORMALLY LOW
OUTPUT NORMALLY HIGH
3V
0V
Y, Z
VOL
Y, Z
0V
1.5V
1.5V
VOL +0.5V
VOH -0.5V
2.3V
2.3V
tDZL(SHDN), tDPL
tDLZ
DZH(SHDN), DZH
DHZ
DE
Figure 10. Driver Enable and Disable Times


Similar Part No. - MAX1481

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1481 MAXIM-MAX1481 Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
MAX14811 MAXIM-MAX14811 Datasheet
2Mb / 20P
   Dual, Unipolar/Bipolar, High-Voltage Digital Pulsers with Fault Condition Management
Rev 0; 12/10
MAX14813 MAXIM-MAX14813 Datasheet
671Kb / 54P
   Ultra-Compact Octal 3L/Quad 5L Pulser with T/R Switches and Beamforming Capability
2019
MAX14813EVKIT MAXIM-MAX14813EVKIT Datasheet
3Mb / 28P
   Easy Evaluation of the MAX14813
2016
MAX14813EWX+T MAXIM-MAX14813EWX+T Datasheet
671Kb / 54P
   Ultra-Compact Octal 3L/Quad 5L Pulser with T/R Switches and Beamforming Capability
2019
More results

Similar Description - MAX1481

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1481 MAXIM-MAX1481_V01 Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com