Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX145AEPA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX145AEPA
Description  2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin 關MAX
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX145AEPA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX145AEPA Datasheet HTML 1Page - Maxim Integrated Products MAX145AEPA Datasheet HTML 2Page - Maxim Integrated Products MAX145AEPA Datasheet HTML 3Page - Maxim Integrated Products MAX145AEPA Datasheet HTML 4Page - Maxim Integrated Products MAX145AEPA Datasheet HTML 5Page - Maxim Integrated Products MAX145AEPA Datasheet HTML 6Page - Maxim Integrated Products MAX145AEPA Datasheet HTML 7Page - Maxim Integrated Products MAX145AEPA Datasheet HTML 8Page - Maxim Integrated Products MAX145AEPA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
+2.7V, Low-Power, 2-Channel, 108ksps,
Serial 12-Bit ADCs in 8-Pin µMAX
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VDD = +2.7V to +5.25V, VREF = 2.5V, 0.1µF capacitor at REF, fSCLK = 2.17MHz, 16 clocks/conversion cycle (108ksps),
CH- = GND for MAX145, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to GND ..............................................................-0.3V to +6V
CH0, CH1 (CH+, CH-) to GND ................. -0.3V to (VDD + 0.3V)
REF to GND .............................................. -0.3V to (VDD + 0.3V)
Digital Inputs to GND. ............................................. -0.3V to +6V
DOUT to GND............................................ -0.3V to (VDD + 0.3V)
DOUT Sink Current ........................................................... 25mA
Continuous Power Dissipation (TA = +70°C)
µMAX (derate 4.1mW/°C above +70°C) .................... 330mW
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
CERDIP (derate 8.00mW/°C above +70°C) . .............. 640mW
Operating Temperature Ranges (TA)
MAX144/MAX145_C_A .......................................0°C to +70°C
MAX144/MAX145_E_A. ...................................-40°C to +85°C
MAX144/MAX145_M_A ................................ -55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
MAX14_A
MAX14_B
No missing codes over temperature
CONDITIONS
LSB
±0.5
INL
Relative Accuracy (Note 2)
Bits
12
RES
Resolution
±1
LSB
±0.75
DNL
Differential Nonlinearity
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
ppm/°C
±0.8
Gain Temperature Coefficient
LSB
±3
LSB
±3
Offset Error
Gain Error (Note 3)
LSB
±0.05
Channel-to-Channel Offset
Matching
LSB
±0.05
Channel-to-Channel Gain
Matching
-3dB rolloff
fIN = 65kHz, VIN = 2.5Vp-p (Note 4)
External clock, fSCLK = 2.17MHz,
16 clocks/conversion cycle
MHz
1.0
Full-Power Bandwidth
MHz
2.25
dB
-85
Channel-to-Channel Crosstalk
Small-Signal Bandwidth
µs
7.4
tCONV
Conversion Time (Note 5)
Total Harmonic Distortion
(including 5th-order harmonic)
dB
70
SINAD
Signal-to-Noise Plus
Distortion Ratio
dB
-80
THD
dB
80
SFDR
Spurious-Free Dynamic Range
Internal clock mode, for data transfer only
External clock mode
Internal clock
05
MHz
0.1
2.17
fSCLK
ps
<50
Aperture Jitter
Serial Clock Frequency
57
µs
2.5
tACQ
T/H Acquisition Time
ns
25
Aperture Delay
DC ACCURACY (Note 1)
DYNAMIC SPECIFICATIONS (fIN(sine-wave) = 10kHz, VIN = 2.5Vp-p, 108ksps, fSCLK = 2.17MHz, CH- = GND for MAX145)
CONVERSION RATE


Similar Part No. - MAX145AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX145AEPA MAXIM-MAX145AEPA Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
More results

Similar Description - MAX145AEPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX144 MAXIM-MAX144_05 Datasheet
969Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 12-Bit ADCs in 8-Pin μMAX
Rev 2; 10/05
MAX157 MAXIM-MAX157 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1240 MAXIM-MAX1240_10 Datasheet
212Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 3; 3/10
MAX1240_101 MAXIM-MAX1240_101 Datasheet
219Kb / 15P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
Rev 4; 6/10
MAX1240 MAXIM-MAX1240 Datasheet
280Kb / 16P
   2.7V, Low-Power, 12-Bit Serial ADCs in 8-Pin SO
19-1155; Rev 2; 11/98
MAX1036 MAXIM-MAX1036 Datasheet
427Kb / 22P
   2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs
19-2442; Rev 1; 10/02
MAX1246 MAXIM-MAX1246_07 Datasheet
260Kb / 25P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
Rev 2; 10/01
MAX1246 MAXIM-MAX1246 Datasheet
223Kb / 24P
   2.7V, Low-Power, 4-Channel, Serial 12-Bit ADCs in QSOP-16
19-1071; Rev 1; 3/97
MAX1111CE MAXIM-MAX1111CE Datasheet
287Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
Rev 4; 4/11
MAX1110 MAXIM-MAX1110 Datasheet
284Kb / 20P
   2.7V, Low-Power, Multichannel, Serial 8-Bit ADCs
19-1194; Rev 2; 10/98
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com