Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1484CUB Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1484CUB
Description  Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in uMAX Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1484CUB Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1484CUB Datasheet HTML 1Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 2Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 3Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 4Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 5Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 6Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 7Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 8Page - Maxim Integrated Products MAX1484CUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 408-737-7600 ext. 3468.
_______________General Description
The MAX1481/MAX1484/MAX1485/MAX1486 provide
software-selectable, half-/full-duplex, low-power, slew-
rate-limited, and high-speed (12Mbps) RS-485/RS-422
operation in a 10-pin µMAX package—the smallest
10-pin package available.
The software-selectable, half-/full-duplex MAX1485/
MAX1486 make obsolete the normally larger and more
expensive solutions required for selectable half-/full-
duplex RS-485/RS-422 operation: 1) a 14-pin, full-
duplex transceiver configured via jumpers between
receiver and transmitter lines, or 2) two 8-pin, half-
duplex transceivers, which require an additional invert-
er logic gate for software selectability.
The MAX1481/MAX1484 are functionally equivalent to
the industry-standard MAX491 and 75180, and are
designed for space-constrained, full-duplex RS-422
applications.
All parts contain one driver and one receiver and fea-
ture a 1/8-unit-load receiver input impedance, allowing
up to 256 transceivers on the bus. The MAX1481/
MAX1485 feature reduced-slew-rate drivers that mini-
mize EMI and reduce reflections caused by improperly
terminated cables, allowing error-free data transmission
up to 250kbps. The MAX1484/MAX1486 driver slew
rates are not limited, allowing them to transmit up to
12Mbps.
The MAX1481/MAX1484/MAX1485/MAX1486 draw only
300µA of supply current. The MAX1481 has a low-power
shutdown mode that reduces supply current to only
0.1µA. All devices operate from a single 5V supply.
Drivers are output short-circuit current limited and are
protected against excessive power dissipation by
thermal-shutdown circuitry that places the driver outputs
into a high-impedance state. The receiver input has a fail-
safe feature that guarantees a logic-high output if the
input is open circuit.
____________________________Features
o 10-Pin µMAX Package: Smallest 10-Pin Package
o Software-Selectable Half-/Full-Duplex Operation
(MAX1485/MAX1486)
o 0.1µA Low-Current Shutdown Mode (MAX1481)
o Slew-Rate Limiting Allows Error-Free Data
Transmission (MAX1481/MAX1485)
o 12Mbps High-Speed Operation
(MAX1484/MAX1486)
o Allow up to 256 Transceivers on the Bus
________________________Applications
Low-Power RS-422/RS-485 Communications
Level Translators
Hand-Held Equipment
Battery-Powered Equipment
Transceiver for EMI-Sensitive Applications
Industrial-Control Local Area Networks
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited,
12Mbps, RS-485/RS-422 Transceivers in µMAX Package
________________________________________________________________
Maxim Integrated Products
1
19-1312; Rev 0; 10/97
PART
MAX1481CUB
MAX1481EUB
MAX1484CUB
0°C to +70°C
-40°C to +85°C
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
10 µMAX
10 µMAX
10 µMAX
______________Ordering Information
______________________________________________________________Selection Table
Half/Full
Duplex
Data
Rate
(Mbps)
MAX1481
Full
0.250
MAX1484
Full
12
Part
MAX1485
Selectable
0.250
MAX1486
Selectable
12
Slew-
Rate
Limited
Yes
No
Yes
No
Low-
Power
Shutdown
Driver
Enable
Yes
Yes
No
Yes
No
Yes
No
Yes
Quiescent
Current
(µA)
300
300
300
300
Transceivers
on Bus
256
256
256
256
Pin-
Package
10 µMAX
10 µMAX
10 µMAX
10 µMAX
MAX1484EUB
-40°C to +85°C
10 µMAX
Receiver
Enable
Yes
Yes
No
No
MAX1485CUB
MAX1485EUB
MAX1486CUB
0°C to +70°C
-40°C to +85°C
0°C to +70°C
10 µMAX
10 µMAX
10 µMAX
MAX1486EUB
-40°C to +85°C
10 µMAX


Similar Part No. - MAX1484CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1484CUB MAXIM-MAX1484CUB Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
More results

Similar Description - MAX1484CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1481 MAXIM-MAX1481_V01 Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com