Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1497 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX1497
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1497 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX1497 Datasheet HTML 6Page - Maxim Integrated Products MAX1497 Datasheet HTML 7Page - Maxim Integrated Products MAX1497 Datasheet HTML 8Page - Maxim Integrated Products MAX1497 Datasheet HTML 9Page - Maxim Integrated Products MAX1497 Datasheet HTML 10Page - Maxim Integrated Products MAX1497 Datasheet HTML 11Page - Maxim Integrated Products MAX1497 Datasheet HTML 12Page - Maxim Integrated Products MAX1497 Datasheet HTML 13Page - Maxim Integrated Products MAX1497 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
3.5- and 4.5-Digit, Single-Chip ADCs with LED
Drivers and µC Interface
10
______________________________________________________________________________________
Pin Description
PIN
MAX1497
MAX1499
NAME
FUNCTION
131
VNEG
-2.5V Charge-Pump Voltage-Output. Connect a 0.1µF capacitor to GND.
232
REF-
Negative Reference Voltage Input. For internal reference operation, connect REF- to
GND. For external reference operation, bypass REF- to GND with a 0.1µF capacitor and
set VREF- from -2.2V to +2.2V, provided VREF+ > VREF-.
31
REF+
Positive Reference Voltage Input. For internal reference operation, connect a 4.7µF
capacitor from REF+ to GND. For external reference operation, bypass REF+ to GND
with a 0.1µF capacitor and set VREF+ from -2.2V to +2.2V, provided VREF+ > VREF-.
42
AIN+
Positive Analog Input. Positive side of fully differential analog input. Bypass AIN+ to GND
with a 0.1µF or greater capacitor.
53
AIN-
Negative Analog Input. Negative side of fully differential analog input. Bypass AIN- to
GND with a 0.1µF or greater capacitor.
64
ISET
Segment Current Controller. Connect to ground through a resistor to set the segment
current. See Table 6 for segment current selection.
75
GND
Ground
8—
VDD
Analog and Digital Circuit Supply Voltage. Connect VDD to a +2.7V to +5.25V power
supply. Bypass VDD to GND with a 0.1µF and a 4.7µF capacitor.
98
CLK
External Clock Input. When the EXTCLK register bit is set to one, CLK is the master clock
input (frequency = 4.9152MHz) for the modulator and the filter. When the EXTCLK
register bit is reset to zero, the internal clock is used. Connect CLK to GND or DVDD
(MAX1499) or VDD (MAX1497) when the internal oscillator is used.
10
9
EOC
Active-Low End-of-Conversion Logic Output. A logic low at EOC indicates that a new
ADC result is available in the ADC result register.
11
10
CS
Active-Low Chip Select Input. Forcing CS low activates the serial interface.
12
11
DIN
Serial Data Input. Data present at DIN is shifted into the internal registers in response to
a rising edge at SCLK when CS is low.
13
12
SCLK
Serial Clock Input. Apply an external clock to SCLK to facilitate communication through
the serial bus. SCLK may idle high or low.
14
13
DOUT
Serial Data Output. DOUT presets serial data in response to register queries. Data shifts
out on the falling edge of SCLK. DOUT goes high impedance when CS is high.
15
14
DIG0
Digit 0 Driver
16
15
DIG1
Digit 1 Driver
17
16
GLED
Ground for LED-Display Segment Driver
18
17
DIG2
Digit 2 Driver
19
18
DIG3
Digit 3 Driver
20
20
SEGA
Segment A Driver
21
21
SEGB
Segment B Driver
22
22
SEGC
Segment C Driver
23
23
SEGD
Segment D Driver
24
24
SEGE
Segment E Driver


Similar Part No. - MAX1497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14970 MAXIM-MAX14970 Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970 MAXIM-MAX14970 Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970ETP++ MAXIM-MAX14970ETP+ Datasheet
1Mb / 12P
   Ruggedized 6Gbps SATA Redriver with High ESD and Extended Temperature Operation
19-6479; Rev 0; 3/13
MAX14970EVKIT MAXIM-MAX14970EVKIT Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
MAX14970EVKIT# MAXIM-MAX14970EVKIT# Datasheet
599Kb / 13P
   Eye Diagram Test Circuit with SMA Inputs/Outputs
Rev 0; 9/13
More results

Similar Description - MAX1497

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1491 MAXIM-MAX1491 Datasheet
723Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 0; 10/03
MAX1366 MAXIM-MAX1366 Datasheet
937Kb / 36P
   Microcontroller-Interface, 4.5-/3.5-Digit Panel Meters with 4??0mA Output
Rev 0; 1/06
logo
NXP Semiconductors
NE594 PHILIPS-NE594 Datasheet
97Kb / 6P
   Digit and/or segment drivers
August 31, 1994
logo
Fairchild Semiconductor
FAN5622 FAIRCHILD-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
logo
ON Semiconductor
FAN5622 ONSEMI-FAN5622 Datasheet
1Mb / 13P
   Linear LED Drivers with Single-Wire Digital Interface
June, 2021 -Rev. 2
logo
Intersil Corporation
ICM7211 INTERSIL-ICM7211 Datasheet
83Kb / 12P
   4-Digit, ICM7211 (LCD) and ICM7212 (LED) Display Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com