Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML2244PBF Datasheet(PDF) 9 Page - International Rectifier

Part # IRLML2244PBF
Description  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML2244PBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IRLML2244PBF_15 Datasheet HTML 2Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 3Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 4Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 5Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 6Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 7Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 8Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 9Page - International Rectifier IRLML2244PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
IRLML2244TRPbF
www.irf.com
9
Micro3™ Tape & Reel Information
Dimensions are shown in millimeters (inches)
2.05 ( .080 )
1.95 ( .077 )
TR
FEED DIRECTION
4.1 ( .161 )
3.9 ( .154 )
1.6 ( .062 )
1.5 ( .060 )
1.85 ( .072 )
1.65 ( .065 )
3.55 ( .139 )
3.45 ( .136 )
1.1 ( .043 )
0.9 ( .036 )
4.1 ( .161 )
3.9 ( .154 )
0.35 ( .013 )
0.25 ( .010 )
8.3 ( .326 )
7.9 ( .312 )
1.32 ( .051 )
1.12 ( .045 )
9.90 ( .390 )
8.40 ( .331 )
178.00
( 7.008 )
MAX.
NOTES:
1. CONTROLLING DIMENSION : MILLIMETER.
2. OUTLINE CONFORMS TO EIA-481 & EIA-541.
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/


Similar Part No. - IRLML2244PBF_15

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
IRLML2244 LEIDITECH-IRLML2244 Datasheet
2Mb / 5P
   -20V P-Channel Enhancement Mode MOSFET
Rev : 01.07.2021
logo
Guangdong Youtai Semico...
IRLML2244 UMW-IRLML2244 Datasheet
513Kb / 8P
   System/Load Switch
IRLML2244TR UMW-IRLML2244TR Datasheet
513Kb / 8P
   System/Load Switch
logo
International Rectifier
IRLML2244TRPBF IRF-IRLML2244TRPBF Datasheet
240Kb / 10P
   HEXFETpower MOSFET
logo
ZP Semiconductor
IRLML2244TRPBF ZPSEMI-IRLML2244TRPBF Datasheet
315Kb / 2P
   HEXFETPower MOSFET
More results

Similar Description - IRLML2244PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com