Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1486CUB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX1486CUB
Description  Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in uMAX Package
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1486CUB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX1486CUB Datasheet HTML 1Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 2Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 3Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 4Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 5Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 6Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 7Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 8Page - Maxim Integrated Products MAX1486CUB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited,
12Mbps, RS-485/RS-422 Transceivers in µMAX Package
4
_______________________________________________________________________________________
SWITCHING CHARACTERISTICS (MAX1481/MAX1485) (continued)
(VCC = 5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
Note 1: All currents into the device are positive; all currents out of the device are negative. All voltages are referenced to device
ground unless otherwise noted.
Note 2:
∆VOD and ∆VOC are the changes in VOD and VOC, respectively, when the DI input changes state.
Note 3: Maximum current level applies to peak current just prior to foldback-current limiting; minimum current level applies during
current limiting.
Note 4: Shutdown is enabled by bringing RE high and DE low. If the enable inputs are in this state for less than 50ns, the MAX1481
is guaranteed not to enter shutdown. If the enable inputs are in this state for at least 600ns, the MAX1481 is guaranteed to
have entered shutdown.
CL = 15pF, S1 closed, Figures 8 and 10
CL = 100pF, S2 closed, Figures 8 and 10
RDIFF = 54Ω, CL1 = CL2 = 100pF,
Figures 7 and 9
CL = 100pF, S1 closed, Figures 8 and 10
RDIFF = 54Ω, CL1 = CL2 = 100pF,
Figures 7 and 9
ns
200
tDLZ
CL = 100pF, S2 closed, Figures 6 and 12
Driver Disable Time from Low
CL = 100pF, S1 closed, Figures 6 and 12
RDIFF = 54Ω, CL1 = CL2 = 100pF,
Figures 7 and 9
ns
3000
tDZH
Driver Enable to Output High
ns
3000
CONDITIONS
tDZL
Driver Enable to Output Low
kbps
250
fMAX
Maximum Data Rate
CL = 15pF, S2 closed, Figures 8 and 10
CL = 100pF, S2 closed, Figures 6 and 12
CL = 100pF, S1 closed, Figures 6 and 12
ns
10
200
tDSKEW
Driver Output Skew
| tDPLH - tDPHL |
Figures 11 and 13
ns
ns
20
50
tRZH
Receiver Enable to Output High
ns
20
50
tRZL
Receiver Enable to Output Low
ns
200
tDHZ
Driver Disable Time from High
ns
ns
20
50
tRHZ
Receiver Disable Time from High
90
150
tRPLH,
tRPHL
Receiver Input to Output
250
1000
tDR, tDF
Driver Rise or Fall Time
ns
20
50
tRLZ
Receiver Disable Time from Low
Figures 11 and 13
ns
15
tRSKD
| tRPLH - tRPHL | Differential
Receiver Skew
600
1000
tDPLH
ns
600
1000
tDPHL
Driver Input to Output
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX1481 only (Note 4)
ns
50
200
600
tSHDN
Time to Shutdown
MAX1481 only, CL = 15pF, S2 closed,
Figures 8 and 10
ns
3000
tDZH(SHDN)
Driver Enable from Shutdown to
Output High
MAX1481 only, CL = 15pF, S1 closed,
Figures 8 and 10
ns
3000
tDZL(SHDN)
Driver Enable from Shutdown to
Output Low
MAX1481 only, CL = 100pF, S1 closed,
Figures 6 and 12
ns
1000
tRZL(SHDN)
Receiver Enable from Shutdown
to Output Low
MAX1481 only, CL = 100pF, S2 closed,
Figures 6 and 12
ns
500
tRZH(SHDN)
Receiver Enable from Shutdown
to Output High


Similar Part No. - MAX1486CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1486CUB MAXIM-MAX1486CUB Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
More results

Similar Description - MAX1486CUB

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1481 MAXIM-MAX1481_V01 Datasheet
393Kb / 10P
   Software-Selectable, Half-/Full-Duplex, Slew-Rate-Limited, 12Mbps, RS-485/RS-422 Transceivers in 關MAX Package
19-1312; Rev 1; 3/06
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM3483 AD-ADM3483 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com