Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NVCLL024Z-M7 Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NVCLL024Z-M7
Description  Built-in ESD Protection Device
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVCLL024Z-M7 Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NVCLL024Z-M7 Datasheet HTML 1Page - NICHIA CORPORATION NVCLL024Z-M7 Datasheet HTML 2Page - NICHIA CORPORATION NVCLL024Z-M7 Datasheet HTML 3Page - NICHIA CORPORATION NVCLL024Z-M7 Datasheet HTML 4Page - NICHIA CORPORATION NVCLL024Z-M7 Datasheet HTML 5Page - NICHIA CORPORATION NVCLL024Z-M7 Datasheet HTML 6Page - NICHIA CORPORATION NVCLL024Z-M7 Datasheet HTML 7Page - NICHIA CORPORATION NVCLL024Z-M7 Datasheet HTML 8Page - NICHIA CORPORATION NVCLL024Z-M7 Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
NICHIA STS-DA1-3709 <Cat.No.150312>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
32.6
38.2
V
Luminous Flux
Q0357
3570
4370
lm
Q0355
3550
4350
Q0351
3510
4290
Q0346
3460
4240
Color Ranks
Rank sm303j
Rank sm323j
Rank sm353j
Rank sm403j
Center Point
x
0.4286
0.4178
0.4033
0.3785
y
0.3919
0.3878
0.3813
0.3677
* Ranking at TC=25°C.
* Forward Voltage Tolerance: ±0.35V
* Luminous Flux Tolerance: ±7%
* Chromaticity Coordinate Tolerance: ±0.005
* The color rank has a chromaticity range within a 3-step MacAdam ellipse.
* LEDs from the above ranks will be shipped.
The rank combination ratio per shipment will be decided by Nichia.
Luminous Flux Ranks by Color Rank
Ranking by
Luminous Flux
Ranking by
Color Coordinates
Q0346
Q0351
Q0355
Q0357
sm303j
sm323j
sm353j
sm403j


Similar Part No. - NVCLL024Z-M7

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NVCLL024Z-M2 NICHIA-NVCLL024Z-M2 Datasheet
453Kb / 17P
   Built-in ESD Protection Device
NVCLL024Z-M3 NICHIA-NVCLL024Z-M3 Datasheet
458Kb / 17P
   Built-in ESD Protection Device
More results

Similar Description - NVCLL024Z-M7

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NFCLL036B-M3 NICHIA-NFCLL036B-M3 Datasheet
414Kb / 17P
   Built-in ESD Protection Device
NC2W170B NICHIA-NC2W170B Datasheet
346Kb / 18P
   Built-in ESD Protection Device
NTCWS024B-M2 NICHIA-NTCWS024B-M2 Datasheet
493Kb / 17P
   Built-in ESD Protection Device
NVCWL024Z NICHIA-NVCWL024Z Datasheet
495Kb / 26P
   Built-in ESD Protection Device
NVELJ048Z-M2 NICHIA-NVELJ048Z-M2 Datasheet
403Kb / 17P
   Built-in ESD Protection Device
NF2W385AR NICHIA-NF2W385AR Datasheet
518Kb / 24P
   Built-in ESD Protection Device
NFCLJ108B-V1M2 NICHIA-NFCLJ108B-V1M2 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
NFCWL036B-V1 NICHIA-NFCWL036B-V1 Datasheet
659Kb / 27P
   Built-in ESD Protection Device
NCSE219B-V1 NICHIA-NCSE219B-V1 Datasheet
459Kb / 18P
   Built-in ESD Protection Device
NCSG219B-V1 NICHIA-NCSG219B-V1 Datasheet
450Kb / 18P
   Built-in ESD Protection Device
NFCWJ108B-V1M3 NICHIA-NFCWJ108B-V1M3 Datasheet
468Kb / 18P
   Built-in ESD Protection Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com