Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1493 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1493
Description  3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1493 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1493 Datasheet HTML 4Page - Maxim Integrated Products MAX1493 Datasheet HTML 5Page - Maxim Integrated Products MAX1493 Datasheet HTML 6Page - Maxim Integrated Products MAX1493 Datasheet HTML 7Page - Maxim Integrated Products MAX1493 Datasheet HTML 8Page - Maxim Integrated Products MAX1493 Datasheet HTML 9Page - Maxim Integrated Products MAX1493 Datasheet HTML 10Page - Maxim Integrated Products MAX1493 Datasheet HTML 11Page - Maxim Integrated Products MAX1493 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
3.5- and 4.5-Digit, Single-Chip
ADCs with LCD Drivers
8
_______________________________________________________________________________________
Pin Description (continued)
PIN
MAX1491
MAX1493
MAX1495
NAME
FUNCTION
21
18
SEG7
LCD Segment 7 Driver
22
19
SEG8
LCD Segment 8 Driver
23
20
SEG9
LCD Segment 9 Driver
24
21
SEG10
LCD Segment 10 Driver
25
25
BP3
LCD Backplane 3 Driver
26
26
BP2
LCD Backplane 2 Driver
27
27
BP1
LCD Backplane 1 Driver
28
29
VNEG
-2.5V Charge-Pump Voltage Output. Connect a 0.1µF capacitor from VNEG to GND.
22
SEG11
LCD Segment 11 Driver
23
SEG12
LCD Segment 12 Driver
24
SEG13
LCD Segment 13 Driver
28
DPON
Decimal Point Enable Input. Controls the decimal point of the LCD. See the Decimal Point
Control section. Connect to DVDD to enable the decimal point.
MAX1493
MAX1495
BINARY-TO-BCD
CONVERTERS
AND
LCD DRIVERS
ADC
INPUT
BUFFERS
-2.5V
AIN+
AIN-
REF+
REF-
+2.5V
AVDD
DVDD
2.048V
BANDGAP
REFERENCE
OSCILLATOR/
CLOCK
DPSET1
DPSET2
SEG1
SEG13
BP1
BP2
BP3
RANGE
CONTROL
+2.5V
GND
A = 1.22
TO
CONTROL
CHARGE
PUMP
-2.5V
LOWBATT
VNEG
INTREF
DPON
HOLD
PEAK
Figure 1. MAX1493/MAX1495 Functional Diagram


Similar Part No. - MAX1493

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1493 MAXIM-MAX1493 Datasheet
171Kb / 7P
   Fully Assembled and Tested
Rev 0; 12/07
MAX14930 MAXIM-MAX14930 Datasheet
982Kb / 25P
   Many Options Support Broad Applications
Rev 7; 7/16
MAX14930 MAXIM-MAX14930 Datasheet
737Kb / 6P
   Guaranteed Up to 5kVRMS Isolation
Rev 2; 8/16
MAX14930AASE++ MAXIM-MAX14930AASE+ Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
MAX14930AAWE++ MAXIM-MAX14930AAWE+ Datasheet
1Mb / 25P
   4-Channel, 1kVRMS and 2.75kVRMS, Digital Isolators
2020
More results

Similar Description - MAX1493

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1492 MAXIM-MAX1492 Datasheet
748Kb / 35P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
Rev 3; 5/04
MAX1491 MAXIM-MAX1491_V01 Datasheet
489Kb / 25P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2004
MAX1492 MAXIM-MAX1492_V01 Datasheet
485Kb / 34P
   3.5- and 4.5-Digit, Single-Chip ADCs with LCD Drivers
2010
MAX1447 MAXIM-MAX1447 Datasheet
907Kb / 24P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers
Rev 0; 1/04
MAX1497 MAXIM-MAX1497 Datasheet
665Kb / 33P
   3.5- and 4.5-Digit, Single-Chip ADCs with LED Drivers and 關C Interface
Rev 1a; 2/04
logo
NXP Semiconductors
PCF2119X NXP-PCF2119X_11 Datasheet
1Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 9-14 April 2011
PCF2119X NXP-PCF2119X_10 Datasheet
2Mb / 83P
   LCD controllers/drivers Single-chip LCD controller and driver
Rev. 7-15 November 2010
logo
List of Unclassifed Man...
35BD050 ETC1-35BD050 Datasheet
75Kb / 1P
   3.5 DIGIT LCD GLASS PANEL
logo
DATEL, Inc.
PM-35LC-ADV-04 DATEL-PM-35LC-ADV-04 Datasheet
154Kb / 1P
   3.5 Digit LCD Backlit Black
PM-35LC-ADV-02 DATEL-PM-35LC-ADV-02 Datasheet
155Kb / 1P
   3.5 Digit LCD Backlit Green
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com