Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX147AEAP Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX147AEAP
Description  2.7Low-Power, 8-Channel, Serial 12-Bit ADCs
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX147AEAP Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX147AEAP Datasheet HTML 5Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 6Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 7Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 8Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 9Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 10Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 11Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 12Page - Maxim Integrated Products MAX147AEAP Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
+2.7V, Low-Power, 8-Channel,
Serial 12-Bit ADCs
_______________________________________________________________________________________
9
_______________Detailed Description
The MAX146/MAX147 analog-to-digital converters
(ADCs) use a successive-approximation conversion
technique and input track/hold (T/H) circuitry to convert
an analog signal to a 12-bit digital output. A flexible ser-
ial interface provides easy interface to microprocessors
(µPs). Figure 3 is a block diagram of the MAX146/
MAX147.
Pseudo-Differential Input
The sampling architecture of the ADC’s analog com-
parator is illustrated in the equivalent input circuit
(Figure 4). In single-ended mode, IN+ is internally
switched to CH0–CH7, and IN- is switched to COM. In
differential mode, IN+ and IN- are selected from the fol-
lowing pairs: CH0/CH1, CH2/CH3, CH4/CH5, and
CH6/CH7. Configure the channels with Tables 2 and 3.
In differential mode, IN- and IN+ are internally switched
to either of the analog inputs. This configuration is
pseudo-differential to the effect that only the signal at
IN+ is sampled. The return side (IN-) must remain sta-
ble within ±0.5LSB (±0.1LSB for best results) with
respect to AGND during a conversion. To accomplish
this, connect a 0.1µF capacitor from IN- (the selected
analog input) to AGND.
During the acquisition interval, the channel selected as
the positive input (IN+) charges capacitor CHOLD. The
acquisition interval spans three SCLK cycles and ends
on the falling SCLK edge after the last bit of the input
control word has been entered. At the end of the acqui-
sition interval, the T/H switch opens, retaining charge
on CHOLD as a sample of the signal at IN+.
The conversion interval begins with the input multiplex-
er switching CHOLD from the positive input (IN+) to the
negative input (IN-). In single-ended mode, IN- is sim-
ply COM. This unbalances node ZERO at the compara-
tor’s input. The capacitive DAC adjusts during the
remainder of the conversion cycle to restore node
ZERO to 0V within the limits of 12-bit resolution. This
action is equivalent to transferring a 16pF x [(VIN+) -
(VIN-)] charge from CHOLD to the binary-weighted
capacitive DAC, which in turn forms a digital represen-
tation of the analog input signal.
Track/Hold
The T/H enters its tracking mode on the falling clock
edge after the fifth bit of the 8-bit control word has been
shifted in. It enters its hold mode on the falling clock
edge after the eighth bit of the control word has been
shifted in. If the converter is set up for single-ended
inputs, IN- is connected to COM, and the converter
samples the “+” input. If the converter is set up for dif-
ferential inputs, IN- connects to the “-” input, and the
difference of
|IN+ - IN-| is sampled. At the end of the
conversion, the positive input connects back to IN+,
and CHOLD charges to the input signal.
INPUT
SHIFT
REGISTER
CONTROL
LOGIC
INT
CLOCK
OUTPUT
SHIFT
REGISTER
+1.21V
REFERENCE
(MAX146)
T/H
ANALOG
INPUT
MUX
12-BIT
SAR
ADC
IN
DOUT
SSTRB
VDD
DGND
AGND
SCLK
DIN
COM
REFADJ
VREF
OUT
REF
CLOCK
+2.500V
20k
*A
≈ 2.00 (MAX147)
10
11
12
9
15
16
17
18
19
CH6
7
CH7
8
CH4
5
CH5
6
CH1
2
CH2
3
CH3
4
CH0
1
MAX146
MAX147
CS
SHDN
20
14
13
≈ 2.06*
A
Figure 3. Block Diagram
CH0
CH1
CH2
CH3
CH4
CH5
CH6
CH7
COM
CSWITCH
TRACK
T/H
SWITCH
RIN
9k
CHOLD
HOLD
12-BIT CAPACITIVE DAC
VREF
ZERO
COMPARATOR
+
16pF
SINGLE-ENDED MODE: IN+ = CH0–CH7, IN- = COM.
DIFFERENTIAL MODE: IN+ AND IN- SELECTED FROM PAIRS OF
CH0/CH1, CH2/CH3, CH4/CH5, AND CH6/CH7.
AT THE SAMPLING INSTANT,
THE MUX INPUT SWITCHES
FROM THE SELECTED IN+
CHANNEL TO THE SELECTED
IN- CHANNEL.
INPUT
MUX
Figure 4. Equivalent Input Circuit


Similar Part No. - MAX147AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1470 MAXIM-MAX1470 Datasheet
220Kb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1470 MAXIM-MAX1470 Datasheet
284Kb / 6P
   MAX1470 Evaluation Kit
Rev 1; 12/02
MAX1470EU MAXIM-MAX1470EU Datasheet
1Mb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
2014
MAX1470EUI MAXIM-MAX1470EUI Datasheet
220Kb / 12P
   315MHz Low-Power, 3V Superheterodyne Receiver
Rev 1; 8/02
MAX1470EVKIT MAXIM-MAX1470EVKIT Datasheet
316Kb / 6P
   Proven Components Parts List
Rev 1; 12/02
More results

Similar Description - MAX147AEAP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX186 MAXIM-MAX186 Datasheet
245Kb / 24P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
Rev. 4; 8/96
MAX186 MAXIM-MAX186_V01 Datasheet
394Kb / 25P
   Low-Power, 8-Channel, Serial 12-Bit ADCs
2012
MAX1270BCAI MAXIM-MAX1270BCAI Datasheet
814Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX1270 MAXIM-MAX1270 Datasheet
808Kb / 20P
   Multirange, 5V, 8-Channel, Serial 12-Bit ADCs
Rev 2; 9/04
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129_V4 MAXIM-MAX11129_V4 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 4; 6/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com