Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLML9301PBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRLML9301PBF
Description  Compatible with existing Surface Mount Techniques
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLML9301PBF Datasheet(HTML) 6 Page - International Rectifier

Back Button IRLML9301PBF_15 Datasheet HTML 2Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 3Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 4Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 5Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 6Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 7Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 8Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 9Page - International Rectifier IRLML9301PBF_15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRLML9301TRPbF
6
www.irf.com
Fig 13. Typical On-Resistance Vs. Drain
Current
Fig 12. Typical On-Resistance Vs. Gate
Voltage
Fig 14b. Gate Charge Test Circuit
Fig 14a. Gate Charge Waveform
0
5
10
15
20
25
30
35
-ID, Drain Current (A)
0
100
200
300
400
500
Vgs = -10V
Vgs = -4.5V
2
4
6
8
10
12
14
16
18
20
-VGS, Gate -to -Source Voltage (V)
20
60
100
140
180
ID = -3.6A
TJ = 25°C
TJ = 125°C
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
S
20K
S


Similar Part No. - IRLML9301PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLML9301TRPBF IRF-IRLML9301TRPBF Datasheet
239Kb / 10P
   HEXFET Power MOSFET
logo
ZP Semiconductor
IRLML9301TRPBF ZPSEMI-IRLML9301TRPBF Datasheet
301Kb / 2P
   HEXFETPower MOSFET
logo
VBsemi Electronics Co.,...
IRLML9301TRPBF VBSEMI-IRLML9301TRPBF Datasheet
1Mb / 9P
   P-Channel 30 V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
IRLML9301TRPBF TECHPUBLIC-IRLML9301TRPBF Datasheet
3Mb / 3P
   P-Channel 20-V(D-S) MOSFET
More results

Similar Description - IRLML9301PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6674TR1PBF IRF-IRF6674TR1PBF Datasheet
255Kb / 9P
   Compatible with existing Surface Mount Techniques
IRF6635TR1PBF IRF-IRF6635TR1PBF Datasheet
253Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFH8321PBF IRF-IRFH8321PBF_15 Datasheet
238Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFML8244PBF IRF-IRFML8244PBF_15 Datasheet
202Kb / 10P
   Compatible with existing Surface Mount Techniques
IRFHM4231PBF IRF-IRFHM4231PBF_15 Datasheet
572Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRFHM8228PBF IRF-IRFHM8228PBF_15 Datasheet
672Kb / 10P
   Compatible with Existing Surface Mount Techniques
IRFHM9391PBF IRF-IRFHM9391PBF_15 Datasheet
564Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML2244PBF IRF-IRLML2244PBF_15 Datasheet
240Kb / 10P
   Compatible with existing Surface Mount Techniques
IRLML2246PBF-1 IRF-IRLML2246PBF-1_15 Datasheet
204Kb / 9P
   Compatible with Existing Surface Mount Techniques
IRLML6401PBF-1 IRF-IRLML6401PBF-1_15 Datasheet
195Kb / 8P
   Compatible with Existing Surface Mount Techniques
IRLML6402PBF-1 IRF-IRLML6402PBF-1_15 Datasheet
193Kb / 8P
   Compatible with Existing Surface Mount Techniques
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com