Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130097-0239 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130097-0239
Description  Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130097-0239 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130097-0239 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130097-0239
Status:
Active
Overview:
Strain-Relief Cord Grips
Description:
Deluxe Cord Grips Strain Relief, 1-1/2" NPT, Straight Male, Cable Diameter
33.32-36.50mm (1.312-1.437")
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Agency Certification
CSA
LR32159
General
Product Family
Cable Grips
Series
130097
Eye Type
N/A
Hazardous Locations
Class I, Div. 2, Class II, Div. 1 and 2, Class III, Div. 1
and 2
NEMA Rating
NEMA 4
O-Ring
N/A
Overview
Strain-Relief Cord Grips
Product Literature Order No
987650-8064
Product Name
Deluxe Cord
Type
Strain Relief Grip
UPC
78678836479
Woodhead
Yes
Physical
Approximate Break Strength
N/A
Bale Length
N/A
Body Style
Straight
Cable Diameter
33.32-36.50mm (1.312-1.437")
Color - Grommet
N/A
Gender
Male
Material - Body
Aluminum
Material - Grip
Stainless Steel
Mesh Length
N/A
Number of Holes
N/A
Thread Size
1 1/2" NPT
Material Info
Old Part Number
36479
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130097Series
This document was generated on 02/04/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130097-0239

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130097-0231 MOLEX11-130097-0231 Datasheet
42Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, 90 Angle Male, Cable Diameter
130097-0232 MOLEX11-130097-0232 Datasheet
42Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, 90 Angle Male, Cable Diameter
130097-0233 MOLEX11-130097-0233 Datasheet
42Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, 90 Angle Male, Cable Diameter
130097-0234 MOLEX11-130097-0234 Datasheet
42Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, 90 Angle Male, Cable Diameter
130097-0235 MOLEX11-130097-0235 Datasheet
41Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
More results

Similar Description - 130097-0239

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130097-0182 MOLEX11-130097-0182 Datasheet
41Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
1300970238 MOLEX11-1300970238 Datasheet
34Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
1300970243 MOLEX11-1300970243 Datasheet
34Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
1300970241 MOLEX11-1300970241 Datasheet
34Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
130097-0238 MOLEX11-130097-0238 Datasheet
41Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
130097-0243 MOLEX11-130097-0243 Datasheet
41Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
130097-0240 MOLEX11-130097-0240 Datasheet
41Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
1300970235 MOLEX11-1300970235 Datasheet
34Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
1300970239 MOLEX11-1300970239 Datasheet
34Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
130097-0236 MOLEX11-130097-0236 Datasheet
41Kb / 1P
   Deluxe Cord Grips Strain Relief, 1-1/2 NPT, Straight Male, Cable Diameter
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com