Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1599 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX1599
Description  High-Efficiency, 26V Step-Up Converters for Two to Six White LEDs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1599 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX1599 Datasheet HTML 1Page - Maxim Integrated Products MAX1599 Datasheet HTML 2Page - Maxim Integrated Products MAX1599 Datasheet HTML 3Page - Maxim Integrated Products MAX1599 Datasheet HTML 4Page - Maxim Integrated Products MAX1599 Datasheet HTML 5Page - Maxim Integrated Products MAX1599 Datasheet HTML 6Page - Maxim Integrated Products MAX1599 Datasheet HTML 7Page - Maxim Integrated Products MAX1599 Datasheet HTML 8Page - Maxim Integrated Products MAX1599 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
High-Efficiency, 26V Step-Up Converters
for Two to Six White LEDs
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 3V, VOUT = 20V, COUT = 0.1µF, CCOMP = 0.15µF, RSENSE = 7.5
Ω, VCTRL = 1.5V, Figure 1, TA = 0°C to +85°C, unless other-
wise noted. Typical values are at TA = +25°C.)
Note 1: VD1 is the diode forward-voltage drop of diode D1 in Figure 1.
Note 2: Time from CTRL going below the dual-mode threshold to IC shutdown.
Note 3: Specifications to -40°C are guaranteed by design and not production tested.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
N-CHANNEL SWITCH
LX On-Resistance
ILX = 190mA
1.45
2.25
TA = +25
°C
0.01
5
LX Leakage Current
VLX = 28V, CTRL = GND
TA = +85
°C1
µA
LX Current Limit
Duty cycle = 90%
450
700
950
mA
ELECTRICAL CHARACTERISTICS
(VIN = 3V, VOUT = 20V, COUT = 0.1µF, CCOMP = 0.15µF, RSENSE = 7.5
Ω, VCTRL = 1.5V, Figure 1, TA = -40°C to +85°C, unless other-
wise noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
2.6
5.5
V
UVLO Threshold
VIN rising or falling
2.10
2.55
V
Quiescent Current
No switching
0.55
mA
OVLO Threshold
VOUT rising
26
29
V
VOUT = 26V, VCTRL > 0.24V
10
30
OUT Input Bias Current
VOUT = VIN, CTRL = GND
1
µA
Output Voltage Range
(Note 1)
(VIN - VD1)
25.5
V
ERROR AMPLIFIER
CTRL to CS Regulation
VCTRL = 1V, VIN = 2.6V to 5.5V
0.093
0.107
V
CTRL Input Resistance
VCTRL
≤ 1.0V
240
780
k
CTRL Dual-Mode Threshold
100
240
mV
MAX1561
6
11
CTRL Shutdown Enable Delay
(Note 2)
MAX1599
13
22
ms
CS-to-COMP Transconductance
VCOMP = 1.0V
32
85
µS
OSCILLATOR
MAX1561
0.75
1.25
Operating Frequency
MAX1599
0.37
0.63
MHz
Maximum Duty Cycle
CTRL = IN, CS = GND
91
%
N-CHANNEL SWITCH
LX On-Resistance
2.25
LX Current Limit
Duty cycle = 90%
450
950
mA


Similar Part No. - MAX1599

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX159 MAXIM-MAX159 Datasheet
238Kb / 16P
   2.7V, Low-Power, 2-Channel, 108ksps, Serial 10-Bit ADCs in 8-Pin UMAX
Rev 0; 11/98
MAX1595 MAXIM-MAX1595 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
MAX1595 MAXIM-MAX1595 Datasheet
492Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 2; 6/09
MAX1595 MAXIM-MAX1595 Datasheet
180Kb / 7P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
Rev 3; 10/11
MAX1595ETC33 MAXIM-MAX1595ETC33 Datasheet
350Kb / 8P
   Regulated 3.3V/5.0V Step-Up/Step-Down Charge Pump
19-2107; Rev 1; 8/02
More results

Similar Description - MAX1599

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2561 EUTECH-EUP2561 Datasheet
453Kb / 9P
   26V Step-Up Converters for Two to Six White LEDs
EUP2595 EUTECH-EUP2595 Datasheet
411Kb / 10P
   32V Step-Up Converters for Two to Nine White LEDs
logo
Will Semiconductor Ltd.
WD3131E WILLSEMI-WD3131E Datasheet
394Kb / 14P
   High Efficiency, 26V Step-Up White LED Driver
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
Maxim Integrated Produc...
MAX1582 MAXIM-MAX1582 Datasheet
276Kb / 10P
   High-Efficiency, 26V Step-Up Converter for White LED Main and Subdisplay Backlighting
19-2783; Rev 0; 4/03
logo
Anpec Electronics Corop...
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
AMETHERM Circuit Protec...
AME5144 AMETHERM-AME5144 Datasheet
137Kb / 15P
   High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com