Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1563ETC Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1563ETC
Description  Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1563ETC Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1563ETC Datasheet HTML 1Page - Maxim Integrated Products MAX1563ETC Datasheet HTML 2Page - Maxim Integrated Products MAX1563ETC Datasheet HTML 3Page - Maxim Integrated Products MAX1563ETC Datasheet HTML 4Page - Maxim Integrated Products MAX1563ETC Datasheet HTML 5Page - Maxim Integrated Products MAX1563ETC Datasheet HTML 6Page - Maxim Integrated Products MAX1563ETC Datasheet HTML 7Page - Maxim Integrated Products MAX1563ETC Datasheet HTML 8Page - Maxim Integrated Products MAX1563ETC Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Programmable 4A USB Current-Limited
Switches with Autoreset and Fault Blanking
_______________________________________________________________________________________
5
NORMALIZED RON vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.8
0.9
1.0
1.1
1.2
1.3
0.7
-40
85
NORMALIZED CONTINUOUS
CURRENT LIMIT vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.97
0.98
0.99
1.00
1.01
1.02
1.03
0.96
-40
85
TURN-ON TIME vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
85
RLOAD = 2
TURN-OFF TIME vs. TEMPERATURE
(tOFF + tFALL)
TEMPERATURE (
°C)
60
35
-15
10
0.5
1.0
1.5
2.0
2.5
3.0
0
-40
85
RLOAD = 2
FAULT-BLANKING TIME
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
20.2
20.4
20.6
20.8
21.0
21.2
21.4
21.6
21.8
22.0
20.0
-40
85
AUTORESET CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
10
20
30
40
0
-40
85
AUTORESET CURRENT vs. VCC
VCC (V)
5.2
4.9
4.3
4.6
5
10
15
20
25
30
35
40
0
4.0
5.5
OVERLOAD RESPONSE INTO 1.4
MAX1562 toc11
20ms/div
VOUT
VIN
IOUT
5V/div
5V/div
2A/div
FAULT
5V/div
SHORT-CIRCUIT RESPONSE INTO 0
MAX1562 toc12
TIME (10ms/div)
5V/div
10A/div
5V/div
5V/div
VOUT
IOUT
VIN
VFAULT
Typical Operating Characteristics (continued)
(VIN = +5V, CIN = 1µF, COUT = 4.7µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX1563ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1563ETC++ MAXIM-MAX1563ETC+ Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1563ETC++ MAXIM-MAX1563ETC+ Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
More results

Similar Description - MAX1563ETC

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1562 MAXIM-MAX1562_10 Datasheet
545Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 2; 2/10
MAX1562 MAXIM-MAX1562_09 Datasheet
362Kb / 14P
   Programmable 4A USB Current-Limited Switches with Autoreset and Fault Blanking
Rev 1; 7/09
MAX1693 MAXIM-MAX1693 Datasheet
143Kb / 8P
   USB Current-Limited Switches with Fault Blanking
Rev 0; 9/99
MAX1838 MAXIM-MAX1838_10 Datasheet
320Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 1; 2/10
MAX1823 MAXIM-MAX1823 Datasheet
302Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1940 MAXIM-MAX1940_10 Datasheet
255Kb / 13P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 1; 2/10
MAX1838 MAXIM-MAX1838 Datasheet
639Kb / 12P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 0; 4/01
MAX1940 MAXIM-MAX1940 Datasheet
326Kb / 12P
   Triple USB Switch with Autoreset and Fault Blanking
Rev 0; 7/02
MAX1823BEUB MAXIM-MAX1823BEUB Datasheet
307Kb / 13P
   Dual USB Switch with Fault Blanking and Autoreset
Rev 3; 10/03
MAX1946 MAXIM-MAX1946_10 Datasheet
271Kb / 13P
   Single USB Switch with Autoreset and Fault Blanking in Tiny TDFN
Rev 3; 2/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com