Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1600 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX1600
Description  Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1600 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1600 Datasheet HTML 4Page - Maxim Integrated Products MAX1600 Datasheet HTML 5Page - Maxim Integrated Products MAX1600 Datasheet HTML 6Page - Maxim Integrated Products MAX1600 Datasheet HTML 7Page - Maxim Integrated Products MAX1600 Datasheet HTML 8Page - Maxim Integrated Products MAX1600 Datasheet HTML 9Page - Maxim Integrated Products MAX1600 Datasheet HTML 10Page - Maxim Integrated Products MAX1600 Datasheet HTML 11Page - Maxim Integrated Products MAX1600 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
etc. Therefore, SNR is computed by taking the ratio of
the RMS signal to the RMS noise (which includes all
spectral components minus the fundamental), the first
five harmonics, and the DC offset.
Signal-to-Noise Plus Distortion (SINAD)
Signal-to-noise plus distortion is the ratio of the funda-
mental input frequency’s RMS amplitude to RMS equiv-
alent of all other ADC output signals:
Effective Number of Bits (ENOB)
ENOB indicates the global accuracy of an ADC at a
specific input frequency and sampling rate. An ideal
ADC’s error consists of quantization noise only. With an
input range equal to the full-scale range of the ADC,
calculate the effective number of bits as follows:
ENOB = (SINAD - 1.76) / 6.02
Total Harmonic Distortion (THD)
THD is the ratio of the RMS sum of the first five harmon-
ics of the input signal to the fundamental itself. This is
expressed as:
where V1 is the fundamental amplitude and V2 through
V5 are the amplitudes of the 2nd through 5th-order har-
monics.
Spurious-Free Dynamic Range (SFDR)
SFDR is the ratio of RMS amplitude of the fundamental
(maximum signal component) to the RMS value of the
next largest spurious component, excluding DC offset.
Connection to Standard Interfaces
The MAX157/MAX159 interface is fully compatible with
SPI/QSPI and MICROWIRE standard serial interfaces.
If a serial interface is available, establish the CPU’s seri-
al interface as master so that the CPU generates the
serial clock for the MAX157/MAX159. Select a clock fre-
quency from 100kHz to 2.17MHz (external clock mode).
1) Use a general-purpose I/O line on the CPU to pull
CS/SHDN low while SCLK is low.
2) Wait for the minimum wake-up time (tWAKE) speci-
fied before activating SCLK.
3) Activate SCLK for a minimum of 16 clock cycles. The
first falling clock edge will generate a serial data-
stream of three leading ones, followed by the chan-
nel identification, the MSB of the digitized input
signal, and two sub-bits. DOUT transitions on
SCLK’s falling edge and is available in MSB-first for-
mat. Observe the SCLK to DOUT valid timing char-
acteristic. Data should be clocked into the µP on
SCLK’s rising edge.
4) Pull CS/SHDN high at or after the 16th falling clock
edge. If CS/SHDN remains low, trailing zeros will be
clocked out after the sub-bits.
5) With CS/SHDN high, wait at least 60ns (tCS), before
starting a new conversion by pulling CS/SHDN low.
A conversion can be aborted by pulling CS/SHDN
high before the conversion ends; wait at least 60ns
before starting a new conversion.
Data can be output either in two 8-bit sequences or
continuously. The bytes will contain the result of the
conversion padded with three leading ones, the chan-
nel identification before the MSB, and two trailing sub-
bits. If the serial clock hasn’t been idled after the last
sub-bit (S0) and CS/SHDN is kept low, DOUT sends
trailing zeros.
SPI and MICROWIRE Interface
When using SPI (Figure 8a) or MICROWIRE (Figure 8b)
interfaces, set CPOL = 0 and CPHA = 0. Conversion
begins with a falling edge on CS/SHDN (Figure 8c). Two
consecutive 8-bit readings are necessary to obtain the
entire 10-bit result from the ADC. DOUT data transitions
on the serial clock’s falling edge and is clocked into the
µP on SCLK’s rising edge. The first 8-bit data stream
contains three leading ones, followed by channel identi-
fication and the first four data bits starting with the MSB.
The second 8-bit data stream contains the remaining
bits, D5 through D0, and the sub-bits S1 and S0.
THD = 20
log
V
+ V
+ V
+ V
V
22
32
42
52
12
()
SINAD(dB) = 20
log
Signal
(Noise + Distortion)
RMS
RMS


+2.7V, Low-Power, 2-Channel,
108ksps, Serial 10-Bit ADCs in 8-Pin µMAX
______________________________________________________________________________________
11
Table 1. Serial Output Data Stream for Internal and External Clock Mode
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
CHID
1
1
EOC
DOUT (Internal Clock)
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SCLK CYCLE
D0
D1
D2
D3
D4
D5
D6
D7
D8
D9
CHID
1
1
1
DOUT (External Clock)
S0
S1
S0
S1
16
15


Similar Part No. - MAX1600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16000 MAXIM-MAX16000 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX16000 MAXIM-MAX16000_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
MAX16000_TC++ MAXIM-MAX16000_TC+ Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX16001 MAXIM-MAX16001 Datasheet
275Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage 關P Supervisors
Rev 3; 12/08
MAX16001 MAXIM-MAX16001_12 Datasheet
311Kb / 26P
   Low-Voltage, Quad-/Hex-/Octal-Voltage μP Supervisors
Rev 6; 8/12
More results

Similar Description - MAX1600

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
logo
Linear Technology
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
logo
Micrel Semiconductor
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2564A MICREL-MIC2564A_04 Datasheet
125Kb / 14P
   Dual Serial PCMCIA/CardBus Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com